Electronic Components Datasheet Search
  English  ▼

X  

BAT54 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BAT54
Description  SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAT54 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BAT54 Datasheet HTML 1Page - EIC discrete Semiconductors BAT54 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - DERATING CURVE
FIG.2 - TYPICAL CAPACITANCE
VS. REVERSE VOLTAGE
0
25
50
75
100
125
150
175
0
4
8
16
20
24
28
AMBIENT TEMPERATURE, ( °C)
REVERSE VOLTAGE , (V)
FIG.3 - TYPICAL FORWARD VOLTAGE FORWARD
FIG.4 - TYPICAL VARIATION OF REVERSE
CURRENT AT VARIOUS TEMPERATURE
CURRENT AT VARIOUS TEMPERATURES
0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10152025
30
FORWARD VOLTAGE, (V)
REVERSE VOLTAGE, (V)
Page 2 of 2
Rev. 01 : April 17, 2006
RATINGS AND CHARACTERISTIC CURVES ( BAT54/54A/54C/54S )
50
200
10
1.0
0
0
10
2
1.0
0.1
0.01
10
0.1
RӨJA = 430 K/W
0.01
100
150
4
6
8
12
14
f = 1.0 MHz
TJ = 125 °C
TJ = 25 °C
1000
100
250
1000
100
TJ = 25 °C
TJ = 75 °C
TJ = 125 °C
Certificate TH97/10561QM
Certificate TW00/17276EM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com