Electronic Components Datasheet Search
  English  ▼

X  

BAT54 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BAT54
Description  SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAT54 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BAT54 Datasheet HTML 1Page - EIC discrete Semiconductors BAT54 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT54/54A/54C/54S
PRV : 30 Volts
Io : 200 mA
FEATURES :
* These diodes feature very low turn-on voltage
* Fast switching
* These devices are protected by a PN junction
guard ring against excessive voltage, such
as electrostatic discharges
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SOT-23 plastic Case
* BAT54 Marking Code : L4
* BAT54A Marking Code : L42
* BAT54C Marking Code : L43
* BAT54S Marking Code : L44
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified.
Parameter
Symbol
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum Rectified Average Forward Current
IF(AV)
mA
Maximum Repetitive Peak Forward Current
IFRM
mA
Maximum Peak Forward Surge Current at tp < 1 s
IFSM
mA
Total Power Dissipation
Ptot
mW
Thermal Resistance Junction to Ambient Air
RӨJA
K/W
Junction Temperature Range
TJ
°C
Storage Temperature Range
TSTG
°C
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified.)
Parameter
Test Condition
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
IR = 100 µA pulses
V(BR)
30
-
-
V
Leakage Current (Note 2)
VR = 25 V
IR
--
2
µA
Forward Voltage (Note 2)
IF = 0.1 mA
VF
-
-
240
mV
IF = 1 mA
VF
-
-
320
mV
IF = 10 mA
VF
-
-
400
mV
IF = 30 mA
VF
-
-
500
mV
IF = 100 mA
VF
-
-
800
mV
Diode Capacitance
VR = 1 V, f = 1 MHz
Ctot
-
-
10
pF
Reverse Recovery Time
IF = 10 mA through IR = 10 mA,
to Irr = 1A , RL = 100 Ω
Notes :
(1) Device on fiberglass substrate
(2) Pulse test tp < 300 µs, δ< 2%
Page 1 of 2
Rev. 01 : April 17, 2006
300
(1)
200
(1)
600
(1)
230
430
(1)
-65 to +150
SMALL SIGNAL SCHOTTKY
DIODE, SINGLE & DUAL
125
Trr
ns
5
--
Value
30
3
1
2
BAT54
3
1
2
BAT54S
3
1
2
BAT54C
3
1
2
BAT54A
3
1
2
1.02
0.89
2.04
1.78
3.10
2.70
Dimensions in millimeters
0.19
0.08
0.50
0.35
0.100
0.013
1.40
0.95
SOT-23
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - BAT54

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54 STMICROELECTRONICS-BAT54 Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Won-Top Electronics
BAT54 WTE-BAT54 Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zetex Semiconductors
BAT54 ZETEX-BAT54 Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT54

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT54 VISHAY-BAT54 Datasheet
115Kb / 5P
Small Signal Schottky Diodes, Single Dual
24-Nov-04
SD0520LS VISHAY-SD0520LS Datasheet
67Kb / 3P
Small Signal Schottky Diode, Dual
09-Jul-04
BAS40-00-V VISHAY-BAS40-00-V Datasheet
156Kb / 5P
Small Signal Schottky Diodes, Single & Dual
27-Sep-06
BAS70-00-V VISHAY-BAS70-00-V Datasheet
156Kb / 5P
Small Signal Schottky Diodes, Single & Dual
27-Sep-06
logo
EIC discrete Semiconduc...
BAS70 EIC-BAS70 Datasheet
163Kb / 1P
SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL
logo
Vishay Siliconix
BAS40-00-V VISHAY-BAS40-00-V_10 Datasheet
136Kb / 5P
Small Signal Schottky Diodes, Single & Dual
05-Aug-10
BAS70-00-V VISHAY-BAS70-00-V_10 Datasheet
137Kb / 5P
Small Signal Schottky Diodes, Single & Dual
05-Aug-10
BAS70-00-V VISHAY-BAS70-00-V_12 Datasheet
78Kb / 4P
Small Signal Schottky Diodes, Single & Dual
05-Aug-10
SD0520LS-GS08 VISHAY-SD0520LS-GS08 Datasheet
92Kb / 4P
Small Signal Schottky Diode, Dual
09-Jul-04
BAS40-00-V VISHAY-BAS40-00-V_15 Datasheet
78Kb / 5P
Small Signal Schottky Diodes, Single & Dual
05-Aug-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com