Electronic Components Datasheet Search
  English  ▼

X  

BAT82 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BAT82
Description  SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAT82 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BAT82 Datasheet HTML 1Page - EIC discrete Semiconductors BAT82 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( BAT81 - BAT83 )
Typical forward characteristics
Typical reverse characteristics
Typical diode capacitance as
a function of reverse voltage
Page 2 of 2
Rev. 02 : March 24, 2005
0
10
20
30
40
50
Reverse Voltage , VR (V)
0
0.5
2.0
0
0.4
1.0
Forward Voltage , VF (V)
0.01
10
1000
0.1
1
100
Reverse Voltage , VR (V)
0
20
40
60
50
10
3
Ta = 85
°C
Ta = 25
°C
0.2
0.6
0.8
1.2
Ta = 25
°C
60
1.0
1.5
10
2
10
1
0.1
30
10
10
4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com