Electronic Components Datasheet Search
  English  ▼

X  

BAT82 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BAT82
Description  SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BAT82 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BAT82 Datasheet HTML 1Page - EIC discrete Semiconductors BAT82 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT81 - BAT83
SCHOTTKY BARRIER DIODES
FEATURES :
• Low forward voltage
• High breakdown voltage
• Guard ring protected
• Hermetically-sealed leaded glass package
• Low diode capacitance.
• Pb / RoHS Free
MECHANICAL DATA :
Case: DO-34 Glass Case
Weight: approx. 0.11g
Maximum Ratings and Thermal Characteristics (Rating at 25
°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
BAT81
40
BAT82
50
BAT83
60
Forward Continuous Current
IF
30
(1)
mA
Repetitive Peak Forward Current at tp
≤1s
IFRM
150
(1)
mA
Non-repetitive Peak Forward Surge Current at tp
≤ 10ms
IFSM
500
(1)
mA
Power Dissipation (Infinite Heatsink)
PD
200
(1)
mW
Thermal Resistance Junction to Ambient Air
RθJA
430
(1)
°C/W
Junction Temperature
TJ
125
°C
Storage temperature range
TS
-65 to + 150
°C
Note: (1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature.
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Reverse Current
IR
VR = VRmax
-
-
200
nA
IF = 1mA
-
-
0.41
IF = 15mA
-
-
1.0
Diode Capacitance
Cd
VR = 1V, f = 1MHz
-
-
1.6
pF
Page 1 of 2
Rev. 02 : March 24, 2005
V
Forward Voltage
Test Condition
Parameter
VF
VR
V
Continuous Reverse Voltage
DO - 34 Glass
0.063 (1.6 )max.
0.119 (3.04)
max.
0.022 (0.55)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark


Similar Part No. - BAT82

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT82 PHILIPS-BAT82 Datasheet
27Kb / 5P
Schottky barrier diodes
1996 Mar 20
logo
SUNMATE electronic Co.,...
BAT82 SUNMATE-BAT82 Datasheet
213Kb / 2P
30mA Axial Leaded Schottky Barrier Diodes
logo
New Jersey Semi-Conduct...
BAT82 NJSEMI-BAT82 Datasheet
39Kb / 1P
Schottky Barrier Diodes
logo
Vishay Siliconix
BAT82S VISHAY-BAT82S Datasheet
39Kb / 4P
Schottky Barrier Diodes
01-Apr-99
BAT82S VISHAY-BAT82S Datasheet
116Kb / 5P
Small Signal Schottky Diodes
26-Feb-07
More results

Similar Description - BAT82

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com