Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 97Page - Renesas Technology Corp R28 Datasheet HTML 98Page - Renesas Technology Corp R28 Datasheet HTML 99Page - Renesas Technology Corp R28 Datasheet HTML 100Page - Renesas Technology Corp R28 Datasheet HTML 101Page - Renesas Technology Corp R28 Datasheet HTML 102Page - Renesas Technology Corp R28 Datasheet HTML 103Page - Renesas Technology Corp R28 Datasheet HTML 104Page - Renesas Technology Corp R28 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 473 page
background image
R8C/28 Group, R8C/29 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 82 of 441
REJ09B0279-0210
The clocks generated by the clock generation circuits are described below.
10.1
XIN Clock
This clock is supplied by the XIN clock oscillation circuit. This clock is used as the clock source for the CPU and
peripheral function clocks. The XIN clock oscillation circuit is configured by connecting a resonator between the
XIN and XOUT pins. The XIN clock oscillation circuit includes an on-chip feedback resistor, which is
disconnected from the oscillation circuit in stop mode in order to reduce the amount of power consumed by the
chip. The XIN clock oscillation circuit may also be configured by feeding an externally generated clock to the XIN
pin.
Figure 10.11 shows Examples of XIN Clock Connection Circuit.
In reset and after reset, the XIN clock stops.
The XIN clock starts oscillating when the CM05 bit in the CM0 register is set to 0 (XIN clock oscillates) after
setting the CM01 bit in the CM0 register to 1 (XIN clock) and the CM13 bit in the CM1 register to 1 (XIN- XOUT
pin).
To use the XIN clock for the CPU clock source, set the OCD2 bit in the OCD register to 0 (select XIN clock) after
the XIN clock is oscillating stably.
The power consumption can be reduced by setting the CM05 bit in the CM0 register to 1 (XIN clock stops) if the
OCD2 bit is set to 1 (select on-chip oscillator clock).
When an external clock is input to the XIN pin are input, the XIN clock does not stop if the CM05 bit is set to 1. If
necessary, use an external circuit to stop the clock.
This MCU has an on-chip feedback resistor and on-chip resistor disable/enable switching is possible by the CM11
bit in the CM1 register.
In stop mode, all clocks including the XIN clock stop. Refer to 10.5 Power Control for details.
Figure 10.11
Examples of XIN Clock Connection Circuit
XIN
XOUT
MCU
(on-chip feedback resistor)
Rd(1)
COUT
CIN
XIN
XOUT
MCU
(on-chip feedback resistor)
Externally derived clock
VCC
VSS
NOTE:
1. Insert a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive
capacity setting. Use the value recommended by the manufacturer of the oscillator.
Use high drive when oscillation starts and, if it is necessary to switch the oscillation drive capacity, do so after
oscillation stabilizes.
When the oscillation drive capacity is set to low, check that oscillation is stable. Also, if the oscillator manufacturer's
data sheet specifies that a feedback resistor be added to the chip externally, insert a feedback resistor between XIN
and XOUT following the instructions.
To use MCU of N, D version with supply voltage below VCC = 2.7 V, it is recommended to set the CM11 bit in the
CM1 register to 1 (on-chip feedback resistor disabled), the CM15 bit to 1 (high drive capacity), and connect the
feedback resistor to the chip externally.
Open
Ceramic resonator external circuit
External clock input circuit
Rf(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com