Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 13Page - Renesas Technology Corp R28 Datasheet HTML 14Page - Renesas Technology Corp R28 Datasheet HTML 15Page - Renesas Technology Corp R28 Datasheet HTML 16Page - Renesas Technology Corp R28 Datasheet HTML 17Page - Renesas Technology Corp R28 Datasheet HTML 18Page - Renesas Technology Corp R28 Datasheet HTML 19Page - Renesas Technology Corp R28 Datasheet HTML 20Page - Renesas Technology Corp R28 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 473 page
background image
B - 2
NOTE:
1. The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0080h
0081h
0082h
0083h
0084h
0085h
0086h
0087h
0088h
0089h
008Ah
008Bh
008Ch
008Dh
008Eh
008Fh
0090h
0091h
0092h
0093h
0094h
0095h
0096h
0097h
0098h
0099h
009Ah
009Bh
009Ch
009Dh
009Eh
009Fh
00A0h
UART0 Transmit/Receive Mode Register
U0MR
234
00A1h
UART0 Bit Rate Register
U0BRG
234
00A2h
UART0 Transmit Buffer Register
U0TB
233
00A3h
00A4h
UART0 Transmit/Receive Control Register 0
U0C0
235
00A5h
UART0 Transmit/Receive Control Register 1
U0C1
236
00A6h
UART0 Receive Buffer Register
U0RB
233
00A7h
00A8h
UART1 Transmit/Receive Mode Register
U1MR
234
00A9h
UART1 Bit Rate Register
U1BRG
234
00AAh
UART1 Transmit Buffer Register
U1TB
233
00ABh
00ACh
UART1 Transmit/Receive Control Register 0
U1C0
235
00ADh
UART1 Transmit/Receive Control Register 1
U1C1
236
00AEh
UART1 Receive Buffer Register
U1RB
233
00AFh
00B0h
00B1h
00B2h
00B3h
00B4h
00B5h
00B6h
00B7h
00B8h
SS Control Register H / IIC bus Control Register 1 SSCRH / ICCR1
252, 283
00B9h
SS Control Register L / IIC bus Control Register 2 SSCRL / ICCR2
253, 284
00BAh
SS Mode Register / IIC bus Mode Register
SSMR / ICMR
254, 285
00BBh
SS Enable Register / IIC bus Interrupt Enable
Register
SSER / ICIER
255, 286
00BCh
SS Status Register / IIC bus Status Register
SSSR / ICSR
256, 287
00BDh
SS Mode Register 2 / Slave Address Register SSMR2 / SAR
257, 288
00BEh
SS Transmit Data Register / IIC bus Transmit
Data Register
SSTDR / ICDRT
258, 288
00BFh
SS Receive Data Register / IIC bus Receive
Data Register
SSRDR / ICDRR 258, 288
Address
Register
Symbol
Page
00C0h
A/D Register
AD
331
00C1h
00C2h
00C3h
00C4h
00C5h
00C6h
00C7h
00C8h
00C9h
00CAh
00CBh
00CCh
00CDh
00CEh
00CFh
00D0h
00D1h
00D2h
00D3h
00D4h
A/D Control Register 2
ADCON2
331
00D5h
00D6h
A/D Control Register 0
ADCON0
330
00D7h
A/D Control Register 1
ADCON1
331
00D8h
00D9h
00DAh
00DBh
00DCh
00DDh
00DEh
00DFh
00E0h
00E1h
Port P1 Register
P1
57
00E2h
00E3h
Port P1 Direction Register
PD1
57
00E4h
00E5h
Port P3 Register
P3
57
00E6h
00E7h
Port P3 Direction Register
PD3
57
00E8h
Port P4 Register
P4
57
00E9h
00EAh
Port P4 Direction Register
PD4
57
00EBh
00ECh
00EDh
00EEh
00EFh
00F0h
00F1h
00F2h
00F3h
00F4h
00F5h
Pin Select Register 1
PINSR1
58, 237
00F6h
Pin Select Register 2
PINSR2
58
00F7h
Pin Select Register 3
PINSR3
58
00F8h
Port Mode Register
PMR
59, 237, 259,
289
00F9h
External Input Enable Register
INTEN
117
00FAh
INT Input Filter Select Register
INTF
118
00FBh
Key Input Enable Register
KIEN
121
00FCh
Pull-Up Control Register 0
PUR0
60
00FDh
Pull-Up Control Register 1
PUR1
60
00FEh
Port P1 Drive Capacity Control Register
P1DRR
60
00FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com