Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 111Page - Renesas Technology Corp R28 Datasheet HTML 112Page - Renesas Technology Corp R28 Datasheet HTML 113Page - Renesas Technology Corp R28 Datasheet HTML 114Page - Renesas Technology Corp R28 Datasheet HTML 115Page - Renesas Technology Corp R28 Datasheet HTML 116Page - Renesas Technology Corp R28 Datasheet HTML 117Page - Renesas Technology Corp R28 Datasheet HTML 118Page - Renesas Technology Corp R28 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 473 page
background image
R8C/28 Group, R8C/29 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 96 of 441
REJ09B0279-0210
Figure 10.17
State Transitions in Power Control Mode (When the CM01 bit in the CM0 register is
set to 1 (XCIN clock))
CM10 = 1
CPU operation stops
Stop mode
Reset
Wait mode
Low-speed on-chip oscillator mode
CM14 = 0
OCD2 = 1
FRA01 = 0
High-speed on-chip oscillator mode
OCD2 = 1
FRA00 = 1
FRA01 = 1
Standard operating mode
FRA00 = 1
FRA01 = 1
CM14 = 0
FRA01 = 0
All oscillators stop
Interrupt
WAIT instruction
Interrupt
CM04: Bit in CM0 register
CM14: Bit in CM1 register
OCD2: Bit in OCD register
FRA00, FRA01: Bits in FRA0 register
Low-speed clock mode
CM04 = 1
OCD2 = 0
CM14 = 0
OCD2 = 1
FRA01 = 0
CM04 = 1
OCD2 = 0
OCD2 = 1
FRA00 = 1
FRA01 = 1
CM04 = 1
OCD2 = 0
State Transitions in Power Control Mode
(When the CM01 bit in the CM0 register is set to 1 (XCIN clock)) (For N, D version only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com