Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 123Page - Renesas Technology Corp R28 Datasheet HTML 124Page - Renesas Technology Corp R28 Datasheet HTML 125Page - Renesas Technology Corp R28 Datasheet HTML 126Page - Renesas Technology Corp R28 Datasheet HTML 127Page - Renesas Technology Corp R28 Datasheet HTML 128Page - Renesas Technology Corp R28 Datasheet HTML 129Page - Renesas Technology Corp R28 Datasheet HTML 130Page - Renesas Technology Corp R28 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 473 page
background image
R8C/28 Group, R8C/29 Group
12. Interrupts
Rev.2.10
Sep 26, 2008
Page 108 of 441
REJ09B0279-0210
12.1.6
Interrupt Control
The following describes enabling and disabling the maskable interrupts and setting the priority for
acknowledgement. The explanation does not apply to nonmaskable interrupts.
Use the I flag in the FLG register, IPL, and bits ILVL2 to ILVL0 in each interrupt control register to enable or
disable maskable interrupts. Whether an interrupt is requested is indicated by the IR bit in each interrupt control
register.
Figure 12.3 shows the Interrupt Control Register, Figure 12.4 shows Registers TRCIC and SSUIC/IICIC and
Figure 12.5 shows the INTiIC Register (i=0, 1, 3).
Figure 12.3
Interrupt Control Register
Interrupt Control Register
(2)
Address
After Reset
004Ah
XXXXX000b
004Dh
XXXXX000b
004Eh
XXXXX000b
0051h
XXXXX000b
0052h
XXXXX000b
0053h
XXXXX000b
0054h
XXXXX000b
0056h
XXXXX000b
0058h
XXXXX000b
Bit Symbol
Function
RW
NOTES:
1.
2.
KUPIC
ADIC
S0TIC
S0RIC
Symbol
Bit Name
Interrupt priority level select bits
Interrupt request bit
ILVL0
TRBIC
S1TIC
S1RIC
TRAIC
TREIC
Rew rite the interrupt control register w hen the interrupt request w hich is applicable for the register is not generated.
Refer to 12.6.5 Changing Interrupt Control Register Contents.
b7 b6 b5 b4 b3 b2 b1 b0
RW
b2 b1 b0
0 0 0 : Level 0 (interrupt disable)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
ILVL1
RW
ILVL2
RW
Only 0 can be w ritten to the IR bit. Do not w rite 1.
IR
0 : Requests no interrupt
1 : Requests interrupt
RW(1)
—
(b7-b4)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com