Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 132Page - Renesas Technology Corp R28 Datasheet HTML 133Page - Renesas Technology Corp R28 Datasheet HTML 134Page - Renesas Technology Corp R28 Datasheet HTML 135Page - Renesas Technology Corp R28 Datasheet HTML 136Page - Renesas Technology Corp R28 Datasheet HTML 137Page - Renesas Technology Corp R28 Datasheet HTML 138Page - Renesas Technology Corp R28 Datasheet HTML 139Page - Renesas Technology Corp R28 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 473 page
background image
R8C/28 Group, R8C/29 Group
12. Interrupts
Rev.2.10
Sep 26, 2008
Page 117 of 441
REJ09B0279-0210
12.2
INT Interrupt
12.2.1
INTi Interrupt (i = 0, 1, 3)
The INTi interrupt is generated by an INTi input. When using the INTi interrupt, the INTiEN bit in the INTEN
register is set to 1 (enable). The edge polarity is selected using the INTiPL bit in the INTEN register and the
POL bit in the INTiIC register.
Inputs can be passed through a digital filter with three different sampling clocks.
Table 12.6 lists the Pin Configuration of INT Interrupt. Figure 12.12 shows the INTEN Register. Figure 12.13
shows the INTF Register.
NOTE:
1. The INT1 pin is selected by the INT1SEL bit in the PMR register and the TIOSEL bit in the TRAIOC
register. Refer to 7. Programmable I/O Ports for details.
Figure 12.12
INTEN Register
Table 12.6
Pin Configuration of INT Interrupt
Pin name
Input/Output
Function
INT0 (P4_5)
Input
INT0 interrupt input, Timer RB external trigger input,
Timer RC pulse output forced cutoff input
INT1 (P1_5 or P1_7)(1)
Input
INT1 interrupt input
INT3 (P3_3)
Input
INT3 interrupt input
External Input Enable Register
Symbol
Address
After Reset
INTEN
00F9h
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
input enable bit
INT0
_____
input polarity select bit(1,2)
INT1
_____
input enable bit
INT1
_____
input polarity select bit(1,2)
INT3
_____
input enable bit
INT3
_____
input polarity select bit(1,2)
NOTES:
1.
2.
INT3PL
b3 b2 b1 b0
b7 b6 b5 b4
00
RW
INT0EN
RW
INT1PL
0 : One edge
1 : Both edges
RW
INT3EN
When setting the INTiPL bit (i = 0 to 3) to 1 (both edges), set the POL bit in the INTiIC register to 0 (selects falling
edge).
The IR bit in the INTiIC register may be set to 1 (requests interrupt) w hen the INTiPL bit is rew ritten. Refer to 12.6.4
Changing Interrupt Sources.
0 : Disable
1 : Enable
0 : One edge
1 : Both edges
0 : One edge
1 : Both edges
RW
INT0PL
RW
INT1EN
0 : Disable
1 : Enable
0 : Disable
1 : Enable
RW
—
(b5-b4)
Set to 0.
RW
Reserved bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com