Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 148Page - Renesas Technology Corp R28 Datasheet HTML 149Page - Renesas Technology Corp R28 Datasheet HTML 150Page - Renesas Technology Corp R28 Datasheet HTML 151Page - Renesas Technology Corp R28 Datasheet HTML 152Page - Renesas Technology Corp R28 Datasheet HTML 153Page - Renesas Technology Corp R28 Datasheet HTML 154Page - Renesas Technology Corp R28 Datasheet HTML 155Page - Renesas Technology Corp R28 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 473 page
background image
R8C/28 Group, R8C/29 Group
13. Watchdog Timer
Rev.2.10
Sep 26, 2008
Page 133 of 441
REJ09B0279-0210
13.2
Count Source Protection Mode Enabled
The count source of the watchdog timer is the low-speed on-chip oscillator clock when count source protection
mode is enabled. If the CPU clock stops when a program is out of control, the clock can still be supplied to the
watchdog timer.
Table 13.3 lists the Specifications of Watchdog Timer (with Count Source Protection Mode Enabled).
NOTES:
1. The WDTON bit cannot be changed by a program. To set the WDTON bit, write 0 to bit 0 of address
0FFFFh with a flash programmer.
2. Even if 0 is written to the CSPROINI bit in the OFS register, the CSPRO bit is set to 1. The
CSPROINI bit cannot be changed by a program. To set the CSPROINI bit, write 0 to bit 7 of address
0FFFFh with a flash programmer.
Table 13.3
Specifications of Watchdog Timer (with Count Source Protection Mode Enabled)
Item
Specification
Count source
Low-speed on-chip oscillator clock
Count operation
Decrement
Period
Count value of watchdog timer (4096)
Low-speed on-chip oscillator clock
Example: Period is approximately 32.8 ms when the low-speed on-chip
oscillator clock frequency is 125 kHz
Count start condition
The WDTON bit(1) in the OFS register (0FFFFh) selects the operation
of the watchdog timer after a reset.
• When the WDTON bit is set to 1 (watchdog timer is in stop state after
reset)
The watchdog timer and prescaler stop after a reset and the count
starts when the WDTS register is written to
• When the WDTON bit is set to 0 (watchdog timer starts automatically
after reset)
The watchdog timer and prescaler start counting automatically after a
reset
Reset condition of watchdog
timer
• Reset
• Write 00h to the WDTR register before writing FFh
• Underflow
Count stop condition
None (The count does not stop in wait mode after the count starts. The
MCU does not enter stop mode.)
Operation at time of underflow
Watchdog timer reset (Refer to 5.7 Watchdog Timer Reset)
Registers, bits
• When setting the CSPPRO bit in the CSPR register to 1 (count source
protection mode is enabled)(2), the following are set automatically
- Set 0FFFh to the watchdog timer
- Set the CM14 bit in the CM1 register to 0 (low-speed on-chip
oscillator on)
- Set the PM12 bit in the PM1 register to 1 (The watchdog timer is
reset when watchdog timer underflows)
• The following conditions apply in count source protection mode
- Writing to the CM10 bit in the CM1 register is disabled (It remains
unchanged even if it is set to 1. The MCU does not enter stop
mode.)
- Writing to the CM14 bit in the CM1 register is disabled (It remains
unchanged even if it is set to 1. The low-speed on-chip oscillator
does not stop.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com