Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 154Page - Renesas Technology Corp R28 Datasheet HTML 155Page - Renesas Technology Corp R28 Datasheet HTML 156Page - Renesas Technology Corp R28 Datasheet HTML 157Page - Renesas Technology Corp R28 Datasheet HTML 158Page - Renesas Technology Corp R28 Datasheet HTML 159Page - Renesas Technology Corp R28 Datasheet HTML 160Page - Renesas Technology Corp R28 Datasheet HTML 161Page - Renesas Technology Corp R28 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 139 of 441
REJ09B0279-0210
14.1.1
Timer Mode
In this mode, the timer counts an internally generated count source (refer to Table 14.2 Specifications of
Timer Mode).
Figure 14.4 shows the TRAIOC Register in Timer Mode.
NOTE:
1. For J, K version, fC32 cannot be selected.
Figure 14.4
TRAIOC Register in Timer Mode
Table 14.2
Specifications of Timer Mode
Item
Specification
Count sources
f1, f2, f8, fOCO, fC32(1)
Count operations
• Decrement
• When the timer underflows, the contents of the reload register are reloaded
and the count is continued.
Divide ratio
1/(n+1)(m+1)
n: Value set in TRAPRE register, m: Value set in TRA register
Count start condition
1 (count starts) is written to the TSTART bit in the TRACR register.
Count stop conditions
• 0 (count stops) is written to the TSTART bit in the TRACR register.
• 1 (count forcibly stops) is written to the TSTOP bit in the TRACR register.
Interrupt request
generation timing
When timer RA underflows [timer RA interrupt].
INT1/TRAIO pin function Programmable I/O port, or INT1 interrupt input
TRAO pin function
Programmable I/O port
Read from timer
The count value can be read by reading registers TRA and TRAPRE.
Write to timer
• When registers TRAPRE and TRA are written while the count is stopped,
values are written to both the reload register and counter.
• When registers TRAPRE and TRA are written during the count, values are
written to the reload register and counter (refer to 14.1.1.1 Timer Write
Control during Count Operation).
Timer RA I/O Control Register
Symbol
Address
After Reset
TRAIOC
0101h
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
/TRAIO select bit
0 : INT1
_____
/TRAIO pin (P1_7)
1 : INT1
_____
/TRAIO pin (P1_5)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
TRAO output enable bit
TRAIO input filter select bits
Set to 0 in timer mode.
RW
TRAIO polarity sw itch bit
0
Set to 0 in timer mode.
TRAIO output control bit
—
(b7-b6)
—
TOPCR
RW
TOENA
RW
RW
TIPF0
RW
TIPF1
00
b7 b6 b5 b4 b3 b2
TIOSEL
b1 b0
0
0
TEDGSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com