Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 169Page - Renesas Technology Corp R28 Datasheet HTML 170Page - Renesas Technology Corp R28 Datasheet HTML 171Page - Renesas Technology Corp R28 Datasheet HTML 172Page - Renesas Technology Corp R28 Datasheet HTML 173Page - Renesas Technology Corp R28 Datasheet HTML 174Page - Renesas Technology Corp R28 Datasheet HTML 175Page - Renesas Technology Corp R28 Datasheet HTML 176Page - Renesas Technology Corp R28 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 154 of 441
REJ09B0279-0210
Figure 14.14
Registers TRBIOC and TRBMR
Timer RB I/O Control Register
Symbol
Address
After Reset
TRBIOC
010Ah
00h
Bit Symbol
Bit Name
Function
RW
TOPL
Timer RB output level select
bit
Timer RB output sw itch bit
b7 b6 b5 b4 b3 b2
INOSEG
b1 b0
INOSTG
TOCNT
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
One-shot trigger polarity
select bit
—
(b7-b4)
—
Function varies depending on operating mode.
RW
RW
RW
RW
One-shot trigger control bit
Timer RB Mode Register
Symbol
Address
After Reset
TRBMR
010Bh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
—
Timer RB count source
select bits(1)
b5 b4
0 0 : f1
0 1 : f8
1 0 : Timer RA underflow
1 1 : f2
TCK1
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
The TWRC bit can be set to either 0 or 1 in timer mode. In programmable w aveform generation mode, programmable
one-shot generation mode, or programmable w ait one-shot generation mode, the TWRC bit must be set to 1 (w rite to
reload register only).
TCK0
RW
Change bits TMOD1 and TMOD0; TCK1 and TCK0; and TCKCUT w hen both the TSTART and TCSTF bits in the TRBCR
register set to 0 (count stops).
RW
Timer RB count source
cutoff bit(1)
0 : Provides count source
1 : Cuts off count source
RW
TCKCUT
—
(b6)
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Timer RB w rite control bit(2)
0 : Write to reload register and counter
1 : Write to reload register only
—
b7 b6 b5 b4
RW
TMOD1
RW
Timer RB operating mode
select bits(1)
b1 b0
0 0 : Timer mode
0 1 : Programmable w aveform generation mode
1 0 : Programmable one-shot generation mode
1 1 : Programmable w ait one-shot generation mode
b3 b2
TWRC
b1 b0
—
(b2)
TMOD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com