Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 181Page - Renesas Technology Corp R28 Datasheet HTML 182Page - Renesas Technology Corp R28 Datasheet HTML 183Page - Renesas Technology Corp R28 Datasheet HTML 184Page - Renesas Technology Corp R28 Datasheet HTML 185Page - Renesas Technology Corp R28 Datasheet HTML 186Page - Renesas Technology Corp R28 Datasheet HTML 187Page - Renesas Technology Corp R28 Datasheet HTML 188Page - Renesas Technology Corp R28 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 166 of 441
REJ09B0279-0210
14.2.4
Programmable Wait One-Shot Generation Mode
In programmable wait one-shot generation mode, a one-shot pulse is output from the TRBO pin by a program
or an external trigger input (input to the INT0 pin) (refer to Table 14.10 Specifications of Programmable Wait
One-Shot Generation Mode). When a trigger is generated from that point, the timer outputs a pulse only once
for a given length of time equal to the setting value in the TRBSC register after waiting for a given length of
time equal to the setting value in the TRBPR register.
Figure 14.22 shows the TRBIOC Register in Programmable Wait One-Shot Generation Mode. Figure 14.23
shows an Operating Example of Programmable Wait One-Shot Generation Mode.
NOTES:
1. The set value is reflected at the following one-shot pulse after writing to registers TRBSC and TRBPR.
2. Do not set both the TRBPRE and TRBPR registers to 00h.
3. Set the TRBOSEL bit in the PINSR2 register to 1 (enabled) before using timer RB.
Refer to 7. Programmable I/O Ports for details.
Table 14.10
Specifications of Programmable Wait One-Shot Generation Mode
Item
Specification
Count sources
f1, f2, f8, timer RA underflow
Count operations
• Decrement the timer RB primary setting value.
• When a count of the timer RB primary underflows, the timer reloads the contents of
timer RB secondary before the count continues.
• When a count of the timer RB secondary underflows, the timer reloads the contents of
timer RB primary before the count completes and the TOSSTF bit is set to 0 (one-shot
stops).
• When the count stops, the timer reloads the contents of the reload register before it
stops.
Wait time
(n+1)(m+1)/fi
fi: Count source frequency
n: Value set in the TRBPRE register, m Value set in the TRBPR register(2)
One-shot pulse
output time
(n+1)(p+1)/fi
fi: Count source frequency
n: Value set in the TRBPRE register, p: Value set in the TRBSC register
Count start
conditions
• The TSTART bit in the TRBCR register is set to 1 (count starts) and the next trigger is
generated.
• Set the TOSST bit in the TRBOCR register to 1 (one-shot starts).
• Input trigger to the INT0 pin
Count stop
conditions
• When reloading completes after timer RB underflows during secondary period.
• When the TOSSP bit in the TRBOCR register is set to 1 (one-shot stops).
• When the TSTART bit in the TRBCR register is set to 0 (starts counting).
• When the TSTOP bit in the TRBCR register is set to 1 (forcibly stops counting).
Interrupt request
generation timing
In half a cycle of the count source after timer RB underflows during secondary period
(complete at the same time as waveform output from the TRBO pin) [timer RB interrupt]
TRBO pin function
Pulse output(3)
INT0 pin functions
• When the INOSTG bit in the TRBIOC register is set to 0 (INT0 one-shot trigger
disabled): programmable I/O port or INT0 interrupt input
• When the INOSTG bit in the TRBIOC register is set to 1 (INT0 one-shot trigger
enabled): external trigger (INT0 interrupt input)
Read from timer
The count value can be read out by reading registers TRBPR and TRBPRE.
Write to timer
• When registers TRBPRE, TRBSC, and TRBPR are written while the count stops,
values are written to both the reload register and counter.
• When registers TRBPRE, TRBSC, and TRBPR are written to during count operation,
values are written to the reload registers only.(1)
Select functions
• Output level select function
The TOPL bit in the TRBIOC register selects the output level of the one-shot pulse
waveform.
• One-shot trigger select function
Refer to 14.2.3.1 One-Shot Trigger Selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com