Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 196Page - Renesas Technology Corp R28 Datasheet HTML 197Page - Renesas Technology Corp R28 Datasheet HTML 198Page - Renesas Technology Corp R28 Datasheet HTML 199Page - Renesas Technology Corp R28 Datasheet HTML 200Page - Renesas Technology Corp R28 Datasheet HTML 201Page - Renesas Technology Corp R28 Datasheet HTML 202Page - Renesas Technology Corp R28 Datasheet HTML 203Page - Renesas Technology Corp R28 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 181 of 441
REJ09B0279-0210
Figure 14.33
TRCCR2 Register
Timer RC Control Register 2
Symbol
Address
After Reset
TRCCR2
0130h
00011111b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
RW
RW
TRCTRG input edge select bits(3) b7 b6
0 0 : Disable the trigger input from the
TRCTRG pin
0 1 : Rising edge selected
1 0 : Falling edge selected
1 1 : Both edges selected
b7 b6 b5 b4 b3 b2
TCEG0
b1 b0
CSEL
In timer mode and PWM mode these bits are disabled.
In timer mode and PWM mode this bit is disabled (the count operation continues independent of the CSEL bit setting).
TCEG1
For notes on PWM2 mode, refer to 14.3.9.5 TRCMR Register in PWM2 Mode.
—
(b4-b0)
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
—
TRC count operation select
bit(1, 2)
0 : Count continues at compare match w ith
the TRCGRA register
1 : Count stops at compare match w ith
the TRCGRA register
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com