Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 211Page - Renesas Technology Corp R28 Datasheet HTML 212Page - Renesas Technology Corp R28 Datasheet HTML 213Page - Renesas Technology Corp R28 Datasheet HTML 214Page - Renesas Technology Corp R28 Datasheet HTML 215Page - Renesas Technology Corp R28 Datasheet HTML 216Page - Renesas Technology Corp R28 Datasheet HTML 217Page - Renesas Technology Corp R28 Datasheet HTML 218Page - Renesas Technology Corp R28 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 196 of 441
REJ09B0279-0210
14.3.5
Timer Mode (Output Compare Function)
This function detects when the contents of the TRC register (counter) and the TRCGRj register (j = A, B, C, or
D) match (compare match). When a match occurs a signal is output from the TRCIOj pin at a given level. The
output compare function, or other mode or function, can be selected for each individual pin.
Table 14.18 lists the Specifications of Output Compare Function, Figure 14.46 shows a Block Diagram of
Output Compare Function, Figures 14.47 to 14.49 show the registers associated with the output compare
function, Table 14.19 lists the Functions of TRCGRj Register when Using Output Compare Function, and
Figure 14.50 shows an Operating Example of Output Compare Function.
j = A, B, C, or D
Table 14.18
Specifications of Output Compare Function
Item
Specification
Count source
f1, f2, f4, f8, f32, fOCO40M, or external signal (rising edge) input to
TRCCLK pin
Count operation
Increment
Count period
• The CCLR bit in the TRCCR1 register is set to 0 (free running
operation):
1/fk × 65,536
fk: Count source frequency
• The CCLR bit in the TRCCR1 register is set to 1 (TRC register set to
0000h at TRCGRA compare match):
1/fk × (n + 1)
n: TRCGRA register setting value
Waveform output timing
Compare match
Count start condition
1 (count starts) is written to the TSTART bit in the TRCMR register.
Count stop condition
0 (count stops) is written to the TSTART bit in the TRCMR register.
The output compare output pin retains output level before count stops,
the TRC register retains a value before count stops.
Interrupt request generation
timing
• Compare match (contents of registers TRC and TRCGRj match)
• The TRC register overflows.
TRCIOA, TRCIOB, TRCIOC,
and TRCIOD pin functions
Programmable I/O port or output compare output (selectable individually
by pin)
INT0 pin function
Programmable I/O port, pulse output forced cutoff signal input, or INT0
interrupt input
Read from timer
The count value can be read by reading the TRC register.
Write to timer
The TRC register can be written to.
Select functions
• Output compare output pin selected
One or more of pins TRCIOA, TRCIOB, TRCIOC, and TRCIOD
• Compare match output level select
“L” output, “H” output, or toggle output
• Initial output level select
Sets output level for period from count start to compare match
• Timing for clearing the TRC register to 0000h
Overflow or compare match with the TRCGRA register
• Buffer operation (Refer to 14.3.3.2 Buffer Operation.)
• Pulse output forced cutoff signal input (Refer to 14.3.3.4 Forced Cutoff
of Pulse Output.)
• Can be used as an internal timer by disabling timer RC output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com