Electronic Components Datasheet Search
  English  ▼

X  

R29 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # R29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R29 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button R29 Datasheet HTML 152Page - Renesas Technology Corp R29 Datasheet HTML 153Page - Renesas Technology Corp R29 Datasheet HTML 154Page - Renesas Technology Corp R29 Datasheet HTML 155Page - Renesas Technology Corp R29 Datasheet HTML 156Page - Renesas Technology Corp R29 Datasheet HTML 157Page - Renesas Technology Corp R29 Datasheet HTML 158Page - Renesas Technology Corp R29 Datasheet HTML 159Page - Renesas Technology Corp R29 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 137 of 441
REJ09B0279-0210
Figure 14.2
Registers TRACR and TRAIOC
Timer RA Control Register
(4)
Symbol
Address
After Reset
TRACR
0100h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5. Set to 0 in timer mode, pulse output mode, and event counter mode.
TUNDF
When the TSTOP bit is set to 1, bits TSTART and TCSTF and registers TRAPRE and TRA are set to the values after a
reset.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Refer to 14.1.6 Notes on Tim er RA for precautions regarding bits TSTART and TCSTF.
Timer RA count start bit(1)
Timer RA count forcible stop
bit(2)
Bits TEDGF and TUNDF can be set to 0 by w riting 0 to these bits by a program. How ever, their value remains
unchanged w hen 1 is w ritten.
In pulse w idth measurement mode and pulse period measurement mode, use the MOV instruction to set the TRACR
register. If it is necessary to avoid changing the values of bits TEDGF and TUNDF, w rite 1 to them.
—
(b7-b6)
—
—
RW
TEDGF
0 : Active edge not received
1 : Active edge received
(end of measurement period)
b7 b6 b5 b4 b3 b2
When this bit is set to 1, the count is forcibly
stopped. When read, its content is 0.
—
(b3)
b1 b0
Active edge judgment
flag(3, 5)
Timer RA underflow flag(3, 5) 0 : No underflow
1 : Underflow
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
RW
TCSTF
RW
RW
RO
TSTART
0 : Count stops
1 : During count
0 : Count stops
1 : Count starts
Timer RA count status flag(1)
TSTOP
Timer RA I/O Control Register
Symbol
Address
After Reset
TRAIOC
0101h
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
/TRAIO select bit
RW
TIPF0
RW
TOENA
RW
TRAIO input filter select bits
TIPF1
Function varies depending on operating mode.
TRAIO output control bit
TRAO output enable bit
—
TEDGSEL
RW
TOPCR
RW
TRAIO polarity sw itch bit
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
—
(b7-b6)
b7 b6 b5 b4 b3 b2
TIOSEL
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com