Electronic Components Datasheet Search
  English  ▼

X  

R8C28 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R8C28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C28 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R8C28 Datasheet HTML 73Page - Renesas Technology Corp R8C28 Datasheet HTML 74Page - Renesas Technology Corp R8C28 Datasheet HTML 75Page - Renesas Technology Corp R8C28 Datasheet HTML 76Page - Renesas Technology Corp R8C28 Datasheet HTML 77Page - Renesas Technology Corp R8C28 Datasheet HTML 78Page - Renesas Technology Corp R8C28 Datasheet HTML 79Page - Renesas Technology Corp R8C28 Datasheet HTML 80Page - Renesas Technology Corp R8C28 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 473 page
background image
R8C/28 Group, R8C/29 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 58 of 441
REJ09B0279-0210
Figure 7.8
Registers PINSR1, PINSR2, and PINSR3
Pin Select Register 1
Symbol
Address
After Reset
PINSR1
00F5h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
b0
b1 b0
0 0 : P3_7(TXD1/RXD1)
0 1 : P3_7(TXD1), P4_5(RXD1)
1 0 : Do not set.
1 1 : Do not set.
TXD1/RXD1 pin select bit(1)
b3 b2
1
b1
0
b7 b6 b5 b4
RW
UART1SEL1
UART1SEL0
0000
The UART1 pins can be selected by using bits TXD1SEL and TXD1EN in the PMR register. Refer to Figure 7.9 PMR
Register.
RW
RW
RW
—
(b2)
—
(b7-b3)
Set to 1. When read, the content is 0.
Set to 0. When read, the content is 0.
Reserved bits
Reserved bit
Pin Select Register 2
Symbol
Address
After Reset
PINSR2
00F6h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1. Set the TRBOSEL bit to 1 (enabled) before using timer RB.
—
(b7)
—
(b5-b0)
b3 b2
0
b1
0
0
b0
b7 b6 b5 b4
TRBOSEL
00 0
0
0 : Disabled
1 : Enabled
TRBO pin select bit(1)
RW
RW
RW
Set to 0. When read, the content is 0.
Set to 0. When read, the content is 0.
Reserved bits
Reserved bit
Pin Select Register 3
Symbol
Address
After Reset
PINSR3
00F7h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
RW
Set these bits to 1 (enabled) before using timer RC.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
—
(b5)
—
(b7-b6)
Set to 1. When read, the content is 0.
Reserved bit
RW
RW
—
RW
TRCIODSEL
—
(b2-b0)
TRCIOCSEL
Reserved bits
Set to 1. When read, the content is 0.
TRCIOD pin select bit(1)
TRCIOC pin select bit(1)
1
b7 b6 b5 b4
b0
1
0 : Disabled
1 : Enabled
b3 b2
1
b1
1
0 : Disabled
1 : Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com