Electronic Components Datasheet Search
  English  ▼

X  

R8C28 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R8C28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C28 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R8C28 Datasheet HTML 81Page - Renesas Technology Corp R8C28 Datasheet HTML 82Page - Renesas Technology Corp R8C28 Datasheet HTML 83Page - Renesas Technology Corp R8C28 Datasheet HTML 84Page - Renesas Technology Corp R8C28 Datasheet HTML 85Page - Renesas Technology Corp R8C28 Datasheet HTML 86Page - Renesas Technology Corp R8C28 Datasheet HTML 87Page - Renesas Technology Corp R8C28 Datasheet HTML 88Page - Renesas Technology Corp R8C28 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 473 page
background image
R8C/28 Group, R8C/29 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 66 of 441
REJ09B0279-0210
X: 0 or 1
NOTES:
1. Pulled up by setting the PU07 bit in the PUR0 register to 1.
2. Set the SSISEL bit in the PMR register to 0 (P3_3).
3. N-channel open drain output by setting the SOOS bit in the SSMR2 register to 1 (N-channel open drain output).
4. N-channel open drain output by setting the NCH bit in the U1C0 register to 1.
X: 0 or 1
NOTE:
1. Set the U1PINSEL bit in the PMR register to 1 (enabled).
Table 7.20
Port P3_7/TRAO/SSO/RXD1/(TXD1)
Register
PD3
PMR
Clock Synchronous Serial I/O with Chip
Select (Refer to Table 16.4
Association between
Communication Modes and I/O Pins.)
TRAMR
UART1 setting
Function(3)
Bit
PD3_7
IICSEL
SSO output control
SSO input control
TOENA
−
Setting
Value
0X
0
0
0
Other than TXD1, RXD1
usage conditions
Input port(1)
1X
0
0
0
Other than TXD1, RXD1
usage conditions
Output port
XX
0
0
X
Refer to Table 7.21Port
P3_7 UART1 Setting
Condition
TXD1 output(4)
0X
0
0
0
Refer to Table 7.21Port
P3_7 UART1 Setting
Condition
RXD1 input(1)
XX
0
0
1
Other than TXD1, RXD1
usage conditions
TRAO output
X0
1
0
X
Other than TXD1, RXD1
usage conditions
SSO output(2)
X0
0
1
X
Other than TXD1, RXD1
usage conditions
SSO input(2)
Table 7.21
Port P3_7 UART1 Setting Condition(1)
Register
PINSR1
PMR
U1MR
Function
Bit
UART1SEL1
UART1SEL0
TXD1SEL
TXD1EN
SMD2
SMD1
SMD0
Setting
Value
0
0X
1
001
TXD1 output
100
101
110
11
X
001
100
101
110
0
X
0
X
X
X
RXD1 input
Other than above
Other than TXD1, RXD1
usage conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com