Electronic Components Datasheet Search
  English  ▼

X  

CPH6313 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH6313
Description  High-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6313 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH6313 Datasheet HTML 1Page - Sanyo Semicon Device CPH6313 Datasheet HTML 2Page - Sanyo Semicon Device CPH6313 Datasheet HTML 3Page - Sanyo Semicon Device CPH6313 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CPH6313
No.7017-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=--10V, f=1MHz
680
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
115
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
80
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
12
ns
Rise Time
tr
See specified Test Circuit.
57
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
68
ns
Fall Time
tf
See specified Test Circuit.
58
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--4.5V, ID=--4A
8.7
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--4.5V, ID=--4A
1.5
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--4.5V, ID=--4A
1.8
nC
Diode Forward Voltage
VSD
IS=--4A, VGS=0
--0.85
--1.2
V
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
P.G
50
Ω
G
S
D
ID= --2A
RL=5Ω
VDD= --10V
VOUT
CPH6313
VIN
0V
--4.5V
VIN
0
--1
--2
--3
--4
--5
--6
20
60
40
80
100
140
120
160
0
--7
--8
--9
--10
RDS(on) -- VGS
Ta=25
°C
IT03132
0
0
--0.5
--1.0
--2.0
--2.5
--3.0
--4.0
--3.5
--0.2
--1.5
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
ID -- VDS
VGS= --1.0V
ID= --1.0A
--2.0A
--1.5V
IT03130
0
--0.4
--0.2
--0.6 --0.8 --1.0
--1.4
--1.2
--1.8
--1.6
--2.0
0
--1
--2
--3
--4
--5
--7
--6
ID -- VGS
VDS= --10V
IT03131
RDS(on) -- Ta
IT03133
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
--60
--40
--20
0
20
40
60
80
100
120
140
160
0
20
40
60
80
140
120
100
ID=
--1A,
VGS
= --2.5V
ID=
--2A,
VGS
= --4.5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com