Electronic Components Datasheet Search
  English  ▼

X  

CPH6313 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # CPH6313
Description  High-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6313 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  CPH6313 Datasheet HTML 1Page - Sanyo Semicon Device CPH6313 Datasheet HTML 2Page - Sanyo Semicon Device CPH6313 Datasheet HTML 3Page - Sanyo Semicon Device CPH6313 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPH6313
No.7017-3/4
0
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
10
6
58
79
2
14
3
--4.0
--4.5
VGS -- Qg
VDS= --10V
ID= --4A
IT03138
--0.1
--1.0
23
5
7
2
3
5
7
100
3
2
7
3
5
2
10
7
5
--10
SW Time -- ID
VDD= --10V
VGS= --4.5V
td(on)
td(off)
t r
tf
IT03136
0
3
5
7
--2
100
--4
--6
2
1000
7
5
3
2
--8
--20
--10
--12
--14
--16
--18
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Coss
Crss
IT03137
IT03134
--0.01
0.01
--0.1
23
5
7
--1.0
23
5
7
23
5
7
100
0.1
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
7
5
3
2
--10
yfs -- ID
VDS= --10V
75°
C
25°C
Ta=
--25
°C
IT03135
--0.2
--0.4
--0.3
--0.6
--0.5
--0.8
--0.7
--0.9
--1.0
--0.001
--0.1
--10
--1.0
7
5
3
2
7
5
3
2
--0.01
7
5
3
2
7
5
3
2
IF -- VSD
VGS=0
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
IT03601
A S O
Drain-to-Source Voltage, VDS -- V
100ms
DC
operation
10ms
2
3
5
7
2
3
5
7
2
3
5
7
2
3
--10
--1.0
--0.1
--0.01
2
3
57
2
3
57
--0.01
--0.1
--1.0
23
23
57
--10
IT03600
Operation in this
area is limited by RDS(on).
Ta=25
°C
Single pulse
Mounted on a ceramic board(1200mm2!0.8mm)
ID= --4A
IDP= --16A
<10
µs
100
µ
s
1ms
0
0
20
40
60
80
100
120
140
160
0.5
1.0
1.5
1.6
2.0
Ambient Temperature, Ta --
°C
PD -- Ta
Mounted
on
a
ceramic
board(1200mm
2!
0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com