Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMDFA Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R5F36CAMDFA
Description  RENESAS MCU
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMDFA Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R5F36CAMDFA Datasheet HTML 73Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 74Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 75Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 76Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 77Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 78Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 79Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 80Page - Renesas Technology Corp R5F36CAMDFA Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
REJ03B0277-0100 Rev.1.00 Jul.15, 2009
Page 75 of 90
M16C/6C Group
5. Electrical Characteristics
VCC1 = VCC2 = 3 V
Notes:
1.
Referenced to VCC1 = VCC2 = 2.7 to 3.3 V, VSS = 0 V at Topr = −20 to 85°C/−40 to 85°C, f(BCLK) = 32 MHz unless
otherwise specified.
2.
This indicates the memory in which the program to be executed exists.
3.
This applies when using one A/D converter (
φAD=25MHz), with the ADSTBY bit for the unused A/D converter
set to 0 (A/D operation stopped (standby)).
Table 5.40
Electrical Characteristics (3) (1)
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
ICC
Power supply
current
In single-chip,
mode, the output
pin are open and
other pins are VSS
High-speed
mode
f(BCLK) = 32 MHz
XIN = 4MHz (square wave),
PLL multiplied by 8
125 kHz on-chip oscillator stop
27.0
mA
f(BCLK) =32 MHz, A/D conversion(3)
XIN = 4 MHz (square wave),
PLL multiplied by 8
125 kHz on-chip oscillator stop
27.7
mA
f(BCLK) = 16 MHz
XIN = 16MHz (square wave),
125 kHz on-chip oscillator stop
13.0
mA
40 MHz on-chip
oscillator mode
Main clock stop
40 MHz on-chip oscillator on, no division
125 kHz on-chip oscillator stop
17.0
mA
125 kHz on-chip
oscillator Low-
power mode
Main clock stop
40 MHz on-chip oscillator stop
125 kHz on-chip oscillator on, no division
FMR22 = 1
450.0
μA
Low-power mode f(BCLK) = 32 kHz
In low-power mode,
FMR22 = FMR23 = 1
on flash memory (2)
160.0
μA
f(BCLK) = 32 kHz
In low-power mode,
on RAM (2)
40.0
μA
Wait mode
Main clock stop
40 MHz on-chip oscillator stop
125 kHz on-chip oscillator on
Peripheral clock operation
Topr = 25°C
20.0
μA
f(XCIN) = 32 kHz (oscillation capacity High)
40 MHz on-chip oscillator stop
125 kHz on-chip oscillator stop
Peripheral clock operation
Topr = 25°C
8.0
μA
f(XCIN) = 32 kHz (oscillation capacity Low)
40 MHz on-chip oscillator stop
125 kHz on-chip oscillator stop
Peripheral clock operation
Topr = 25°C
6.0
μA
Stop mode
Main clock stop
40 MHz on-chip oscillator stop
125 kHz on-chip oscillator stop
Peripheral clock stop
Topr = 25°C
2.0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com