Electronic Components Datasheet Search
  English  ▼

X  

CPH6402 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH6402
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6402 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH6402 Datasheet HTML 1Page - Sanyo Semicon Device CPH6402 Datasheet HTML 2Page - Sanyo Semicon Device CPH6402 Datasheet HTML 3Page - Sanyo Semicon Device CPH6402 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.5983-2/4
CPH6402
Drain-to-Source Voltage, VDS –V
ID - VDS
Gate-to-Source Voltage, VGS –V
ID - VGS
Drain Current, ID –A
| yfs | - I D
Gate-to-Source Voltage, VGS –V
RDS(on) - VGS
ID=2A
ID=1A
Ta=25
°C
VDS=10V
VDS=10V
Ta=–25
°C
75
°C
25°
C
8.0V
3.5V
3.0V
VGS=2.5V
0
0
0.5
1.0
1.5
2.0
2.5
4.0
3.5
4.5
3.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1
2
3
4
5
6
7
8
0
0.5
1.5
2.5
3.5
1.0
2.0
3.0
4.5
4.0
0.01
2
3
5
7
2
3
5
7
0.1
1.0
10
23
5
7 0.1
23
5
7 1.0
23
5
7 10
0
0
50
100
150
250
200
2
4
6
8
101214161820
Switching Time Test Circuit
Continued from preceding page.
50
Ω
P.G
S
G
D
VOUT
VDD=15V
VIN
ID=2A
RL=7.5Ω
PW=10
µs
D.C.
≤1%
VIN
10V
0V
CPH6402
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S9
s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
2s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
3s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S8
2s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
4
=0
1C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
4
=1
C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
4
=4
.
2C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
4
=
S
G
0
=5
8
.
02
.
1V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com