Electronic Components Datasheet Search
  English  ▼

X  

CPH6402 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # CPH6402
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6402 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  CPH6402 Datasheet HTML 1Page - Sanyo Semicon Device CPH6402 Datasheet HTML 2Page - Sanyo Semicon Device CPH6402 Datasheet HTML 3Page - Sanyo Semicon Device CPH6402 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.5983-3/4
CPH6402
Drain Current, ID –A
SW Time - I D
Drain-to-Source Voltage, VDS –V
A S O
Ambient Temperature, Ta – ˚C
P D - Ta
td(off)
tf
tr
td(on)
VDD=15V
VGS=10V
IDP=16A
ID=4A
1ms
10ms
100ms
DC
operation
Ta=25
°C
1 Pulse
Mounted on a ceramic board (900mm2
×0.8mm)
Mounted
on
a
ceramic
board
(900mm
2×
0.8mm)
Drain-to-Source Voltage, VDS –V
Ciss,Coss,Crss - VDS
Total Gate Charge, Qg – nC
VGS - Qg
f = 1MHz
Ciss
Coss
Crss
VDS=10V
ID=4A
100
µs
10
µs
Operation in this area
is limited by RDS(on).
2
3
5
7
10
100
2
3
5
7
2
3
5
7
1000
10000
010
20
515
25
30
1
2
3
4
5
10
9
8
7
6
0
2
1
3
4
5
6
789
10
0
2
3
5
7
2
2
3
5
7
7
0.1
23
23
57
1.0
57
10
100
2
0.01
3
5
7
0.1
2
3
5
7
1.0
2
3
7
10
2
3
5
0.1
23
5
7
23
5
7
1.0
23
5
10
0
20
40
60
80
100
120
140
160
0.4
0.2
0.6
0.8
1.8
1.2
1.4
1.6
1.0
0
Ambient Temperature, Ta – ˚C
R DS(on) - Ta
Diode Forward Voltage, VSD –V
I F - VSD
VGS=0
ID=1A,V
GS
=4V
ID=2A,V
GS=10V
-60
0
50
100
150
500
-40
-20
0
20
40
60
80
100
120
140
2
3
5
7
0.001
0.01
2
3
5
7
0.1
2
3
5
7
1.0
2
3
5
7
10
0
0.2
0.4
0.6
0.8
1.0
1.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com