Electronic Components Datasheet Search
  English  ▼

X  

R8C29 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R8C29
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C29 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R8C29 Datasheet HTML 65Page - Renesas Technology Corp R8C29 Datasheet HTML 66Page - Renesas Technology Corp R8C29 Datasheet HTML 67Page - Renesas Technology Corp R8C29 Datasheet HTML 68Page - Renesas Technology Corp R8C29 Datasheet HTML 69Page - Renesas Technology Corp R8C29 Datasheet HTML 70Page - Renesas Technology Corp R8C29 Datasheet HTML 71Page - Renesas Technology Corp R8C29 Datasheet HTML 72Page - Renesas Technology Corp R8C29 Datasheet HTML 73Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
A - 2
REVISION HISTORY
R8C/28 Group, R8C/29 Group Datasheet
1.00
Nov 08, 2006
15
Table 4.1;
• “0000h to 003Fh”
→ “0000h to 002Fh” revised
• 000Fh: “000XXXXXb”
→ “00X11111b” revised
• 001Ch: “00h”
→ “00h, 10000000b” revised
• 0029h: “High-Speed On-Chip Oscillator Control Register 4, FRA4,
When shipping” added
• 002Bh: “High-Speed On-Chip Oscillator Control Register 6, FRA6,
When shipping” added
• NOTE2 revised, NOTE3 added
16
Table 4.2; “0040h to 007Fh”
→ “0030h to 007Fh” revised
18
Table 4.4; 00E1h, 00E5h, 00E8h “XXh”
→ “00h” revised
22
Table 5.2 revised
23
Figure 5.1 figure title revised
24
Table 5.4 revised
25
Table 5.5 revised
26
Figure 5.2 figure title revised and Table 5.7 NOTE4 added
27
Table 5.9 revised, Figure 5.3 revised
28
Table 5.10, Table 5.11revised
34
Table 5.15 revised
35
Table 5.16 revised
36
Table 5.17 revised
39
Table 5.22 revised
40
Table 5.23 revised
44
Table 5.29 revised
47
5.2 “J and K versions are under development...notice.” added
Table 5.34, Table 5.35 revised
48
Table 5.36 revised, Figure 5.20 figure title revised
51
Figure 5.21 figure title revised
52
Table 5.41, Figure 5.22 revised
53
Table 5.42, Table 5.43 revised
59
Table 5.47 revised
60
Table 5.48 revised
63
Table 5.53 revised
64
Table 5.54 revised
67
Package Dimensions; “Diagrams showing the latest...website.” added
1.10
May 17, 2007
2
Table 1.1 revised
3
Table 1.2 revised
5
Table 1.3 and Figure 1.2 revised
6
Table 1.4 and Figure 1.3 revised
7
Figure 1.4 NOTE4 added
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com