Electronic Components Datasheet Search
  English  ▼

X  

R8C29 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R8C29
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C29 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R8C29 Datasheet HTML 24Page - Renesas Technology Corp R8C29 Datasheet HTML 25Page - Renesas Technology Corp R8C29 Datasheet HTML 26Page - Renesas Technology Corp R8C29 Datasheet HTML 27Page - Renesas Technology Corp R8C29 Datasheet HTML 28Page - Renesas Technology Corp R8C29 Datasheet HTML 29Page - Renesas Technology Corp R8C29 Datasheet HTML 30Page - Renesas Technology Corp R8C29 Datasheet HTML 31Page - Renesas Technology Corp R8C29 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
R8C/28 Group, R8C/29 Group
5. Electrical Characteristics
Rev.2.10
Sep 26, 2008
Page 26 of 67
REJ03B0169-0210
Figure 5.2
Time delay until Suspend
NOTES:
1. The measurement condition is VCC = 2.2 to 5.5 V and Topr = -20 to 85
°C (N version) / -40 to 85°C (D version).
2. Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA25 bit in the VCA2
register to 0.
NOTES:
1. The measurement condition is VCC = 2.2 to 5.5 V and Topr = -20 to 85
°C (N version) / -40 to 85°C (D version).
2. Time until the voltage monitor 1 interrupt request is generated after the voltage passes Vdet1.
3. Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA26 bit in the VCA2
register to 0.
4. This parameter shows the voltage detection level when the power supply drops.
The voltage detection level when the power supply rises is higher than the voltage detection level when the power supply
drops by approximately 0.1 V.
NOTES:
1. The measurement condition is VCC = 2.2 to 5.5 V and Topr = -20 to 85
°C (N version) / -40 to 85°C (D version).
2. Time until the voltage monitor 2 interrupt request is generated after the voltage passes Vdet2.
3. Necessary time until the voltage detection circuit operates after setting to 1 again after setting the VCA27 bit in the VCA2
register to 0.
Table 5.6
Voltage Detection 0 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet0
Voltage detection level
2.2
2.3
2.4
V
−
Voltage detection circuit self power consumption
VCA25 = 1, VCC = 5.0 V
−
0.9
−µA
td(E-A)
Waiting time until voltage detection circuit operation
starts(2)
−−
300
µs
Vccmin
MCU operating voltage minimum value
2.2
−−
V
Table 5.7
Voltage Detection 1 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet1
Voltage detection level(4)
2.70
2.85
3.00
V
−
Voltage monitor 1 interrupt request generation time(2)
−
40
−µs
−
Voltage detection circuit self power consumption
VCA26 = 1, VCC = 5.0 V
−
0.6
−µA
td(E-A)
Waiting time until voltage detection circuit operation
starts(3)
−−
100
µs
Table 5.8
Voltage Detection 2 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet2
Voltage detection level
3.3
3.6
3.9
V
−
Voltage monitor 2 interrupt request generation time(2)
−
40
−µs
−
Voltage detection circuit self power consumption
VCA27 = 1, VCC = 5.0 V
−
0.6
−µA
td(E-A)
Waiting time until voltage detection circuit operation
starts(3)
−−
100
µs
FMR46
Suspend request
(maskable interrupt request)
Fixed time
td(SR-SUS)
Clock-dependent
time
Access restart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com