Electronic Components Datasheet Search
  English  ▼

X  

BAS125 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAS125
Description  Silicon Schottky Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS125 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAS125 Datasheet HTML 1Page - Infineon Technologies AG BAS125 Datasheet HTML 2Page - Infineon Technologies AG BAS125 Datasheet HTML 3Page - Infineon Technologies AG BAS125 Datasheet HTML 4Page - Infineon Technologies AG BAS125 Datasheet HTML 5Page - Infineon Technologies AG BAS125 Datasheet HTML 6Page - Infineon Technologies AG BAS125 Datasheet HTML 7Page - Infineon Technologies AG BAS125 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2007-04-19
3
BAS125...
Diode capacitance CT = ƒ (VR)
f = 1MHz
0
0.0
EHD07117
BAS 125...
C
T
R
V
0.4
pF
1.0
10
V
20
0.6
0.2
0.8
Forward resistance rf = ƒ (IF)
f = 10 kHz
10
EHD07118
BAS 125...
r
f
F
Ι
-2
2
10
mA
0
10
Ω
10
4
10
1
10
2
10
3
-1
10
0
10
1
10
Reverse current IR = ƒ(VR)
TA = Parameter
0
10
EHD07116
BAS 125...
Ι
R
R
V
-3
-2
10
-1
10
0
10
10
1
A
20
10
V
µ
TA = 125 C
C
= 85
A
T
TA = 25 C
Forward current IF = ƒ (VF)
TA = Parameter
0.0
10
EHD07115
BAS 125...
Ι
F
F
V
-2
-1
10
0
10
1
10
10
2
mA
-40C
TA =
C
25
150 C
C
85
1.0
0.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com