Electronic Components Datasheet Search
  English  ▼

X  

BAS125 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAS125
Description  Silicon Schottky Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS125 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAS125 Datasheet HTML 1Page - Infineon Technologies AG BAS125 Datasheet HTML 2Page - Infineon Technologies AG BAS125 Datasheet HTML 3Page - Infineon Technologies AG BAS125 Datasheet HTML 4Page - Infineon Technologies AG BAS125 Datasheet HTML 5Page - Infineon Technologies AG BAS125 Datasheet HTML 6Page - Infineon Technologies AG BAS125 Datasheet HTML 7Page - Infineon Technologies AG BAS125 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2007-04-19
1
BAS125...
Silicon Schottky Diodes
• For low-loss, fast-recovery, meter protection,
bias isolation and clamping application
• Integrated diffused guard ring
• Low forward voltage
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BAS125-04W
BAS125-06W
BAS125-07W
BAS125-05W
!

,
, 
!

,
, 

,
!
"
, 
!

,
, 
ESD (Electrostatic discharge) sensitive device, observe handling precaution!
Type
Package
Configuration
LS(nH) Marking
BAS125-04W
BAS125-05W
BAS125-06W
BAS125-07W
SOT323
SOT323
SOT323
SOT343
series
common cathode
common anode
parallel pair
1.4
1.4
1.4
1.6
14s
15s
16s
17s
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
25
V
Forward current
IF
100
mA
Non-repetitive peak surge forward current
IFSM
500
Total power dissipation
BAS125-04W, BAS125-06W, TS ≤ 84°C
BAS125-05W, TS ≤ 76°C
BAS125-07W, TS ≤ 96°C
Ptot
250
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 ... 150
1Pb-containing package may be available upon special request


Similar Part No. - BAS125

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS125 SIEMENS-BAS125 Datasheet
104Kb / 5P
Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
logo
Guangdong Kexin Industr...
BAS125 KEXIN-BAS125 Datasheet
38Kb / 2P
Silicon Schottky Diodes
logo
Siemens Semiconductor G...
BAS125-04 SIEMENS-BAS125-04 Datasheet
104Kb / 5P
Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
logo
Guangdong Kexin Industr...
BAS125-04 KEXIN-BAS125-04 Datasheet
38Kb / 2P
Silicon Schottky Diodes
logo
Siemens Semiconductor G...
BAS125-04W SIEMENS-BAS125-04W Datasheet
106Kb / 5P
Preliminary data Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping application)
More results

Similar Description - BAS125

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
Silicon Schottky Diodes
Nov-15-2001
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
Silicon Schottky Diodes
2007-04-19
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
Silicon Schottky Diodes
2007-06-11
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
SILICON SCHOTTKY DIODES
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
Silicon Schottky Diodes
2011-06-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com