Electronic Components Datasheet Search
  English  ▼

X  

BAT240 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BAT240
Description  High Voltage Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT240 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAT240 Datasheet HTML 1Page - Infineon Technologies AG BAT240 Datasheet HTML 2Page - Infineon Technologies AG BAT240 Datasheet HTML 3Page - Infineon Technologies AG BAT240 Datasheet HTML 4Page - Infineon Technologies AG BAT240 Datasheet HTML 5Page - Infineon Technologies AG BAT240 Datasheet HTML 6Page - Infineon Technologies AG BAT240 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2007-10-04
5
BAT240...
Application example BAT240A
Energy efficient bridge rectification for 110 V / 60 Hz power lines
-
AC input
~
3
1
D2
2
D1
~
3
1
D2
2
D1
+
DC
output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com