Electronic Components Datasheet Search
  English  ▼

X  

BAT240 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAT240
Description  High Voltage Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT240 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAT240 Datasheet HTML 1Page - Infineon Technologies AG BAT240 Datasheet HTML 2Page - Infineon Technologies AG BAT240 Datasheet HTML 3Page - Infineon Technologies AG BAT240 Datasheet HTML 4Page - Infineon Technologies AG BAT240 Datasheet HTML 5Page - Infineon Technologies AG BAT240 Datasheet HTML 6Page - Infineon Technologies AG BAT240 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2007-10-04
2
BAT240...
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
≤ 305
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 500 µA
V(BR)
240
-
-
V
Reverse current
VR = 100 V
VR = 200 V
IR
-
-
1
5
10
-
µA
Forward voltage
IF = 10 mA
IF = 20 mA
IF = 50 mA
IF = 100 mA
IF = 200 mA
IF = 400 mA
VF
0.25
0.29
0.35
-
-
-
0.325
0.37
0.47
0.58
0.72
0.9
0.36
0.41
0.52
-
-
-
V
AC Characteristics
Diode capacitance
VR = 10 V, f = 1 MHz
VR = 5 V, f = 1 MHz
CT
-
-
11
15
15
20
pF
1For calculation of RthJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com