Electronic Components Datasheet Search
  English  ▼

X  

DBD10 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DBD10
Description  1.0A Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBD10 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DBD10 Datasheet HTML 1Page - Sanyo Semicon Device DBD10 Datasheet HTML 2Page - Sanyo Semicon Device DBD10 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DBD10
No.7030-1/3
Features
•
Plastic molded structure.
•
Peak reverse voltage : VRM=200V, 600V.
•
Average rectified current : IO=1.0A.
Electrical Connection
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7030A
DBD10
Package Dimensions
unit : mm
1314
Surface mount type (TM emboss taping)
[DBD10]
N0901 GI IM / 73001 GI IM
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Diffused Junction Silicon Diode
1.0A Single-Phase Bridge Rectifier
C0.8
6.8
3.0
1.3
1.3
0.25
SANYO : DBD10-TM
--
∼∼
+
Package Dimensions
unit : mm
1313
[DBD10]
0.55
C0.8
0.25
5.0
6.8
SANYO : DBD10


Similar Part No. - DBD10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DBD10G ONSEMI-DBD10G Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
DBD10G-E ONSEMI-DBD10G-E Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
DBD10G-E ONSEMI-DBD10G-E Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
DBD10G-TM-E ONSEMI-DBD10G-TM-E Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
DBD10G-TM-E ONSEMI-DBD10G-TM-E Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
More results

Similar Description - DBD10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA10 SANYO-DBA10 Datasheet
36Kb / 2P
1.0A Single-Phase Bridge Rectifier
DBB10 SANYO-DBB10 Datasheet
40Kb / 2P
1.0A Single-Phase Bridge Rectifier
DBF10 SANYO-DBF10 Datasheet
38Kb / 2P
1.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
B40C1000 WTE-B40C1000_06 Datasheet
46Kb / 4P
1.0A SINGLE-PHASE BRIDGE RECTIFIER
DF005 WTE-DF005_06 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF10 SANYO-DBF10_09 Datasheet
45Kb / 3P
1.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBD10G ONSEMI-DBD10G Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
EN7030 ONSEMI-EN7030 Datasheet
647Kb / 2P
1.0A Single-Phase Bridge Rectifier
June, 2014
logo
Zibo Seno Electronic En...
KBP101G ZSELEC-KBP101G Datasheet
338Kb / 2P
1.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com