Electronic Components Datasheet Search
  English  ▼

X  

DBD10 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DBD10
Description  1.0A Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBD10 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DBD10 Datasheet HTML 1Page - Sanyo Semicon Device DBD10 Datasheet HTML 2Page - Sanyo Semicon Device DBD10 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DBD10
No.7030-2/3
1.0
10
0
10
20
30
40
50
23
5
7
23
5
7
100
IFSM -- n
50Hz
0
1.2
0
0.6
0.4
0.2
1.0
0.8
160
20
40
60
80
100
120
140
IO -- Ta
0.01
0.2
0.4
0.6
0.8
1.0
0
0.1
10
7
5
3
2
1.0
7
5
3
2
7
5
3
2
1.6
1.2
1.4
IF -- VF
IT03617
IT03618
IT03619
0
0
0.5
1.0
1.5
2.0
3.0
2.5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
PF -- IO
IT03620
Forward Voltage, VF -- V
Number of Cycle at 50Hz -- n
Average Forward Current, IO -- A
Ambient Temperature, Ta --
°C
Resisti
ve
load
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
DBD10C
DBD10G
Peak Reverse Voltage
VRM
200
600
V
Average Rectified Current
IO
Ta=25
°C
→
1.0
A
Surge Forward Current
IFSM
50Hz sine wave 1cycle
→
30
A
Junction Temperature
Tj
→
150
°C
Storage Temperature
Tstg
→
--40 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Voltage
VF
IF=0.5A
1.05
V
Reverse Current
IR
VR : At each VRM
10
µA
Thermal Resistance
Rth(j-l)
Junction-Lead
15
°C / W
Thermal Resistance
Rth(j-a)
Junction-Ambient
68
°C / W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com