Electronic Components Datasheet Search
  English  ▼

X  

BCR402W Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BCR402W
Description  LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR402W Datasheet(HTML) 3 Page - Infineon Technologies AG

  BCR402W Datasheet HTML 1Page - Infineon Technologies AG BCR402W Datasheet HTML 2Page - Infineon Technologies AG BCR402W Datasheet HTML 3Page - Infineon Technologies AG BCR402W Datasheet HTML 4Page - Infineon Technologies AG BCR402W Datasheet HTML 5Page - Infineon Technologies AG BCR402W Datasheet HTML 6Page - Infineon Technologies AG BCR402W Datasheet HTML 7Page - Infineon Technologies AG BCR402W Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2010-01-12
3
BCR402W
Electrical Characteristics at
TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Collector-emitter breakdown voltage
IC = 100 µA, IB = 0
VBR(CEO)
18
-
-
-
Supply current
VS = 10 V
IS
350
440
540
µA
DC current gain
IC = 50 mA, VCE = 1 V
hFE
-
150
-
-
Internal resistor
IRint = 10 mA
Rint
33
38
47
Ω
Output current
VS = 10 V, Vout = 7.6 V
Iout
18
20
22
mA
Voltage drop (
VS - VE)
Iout = 20 mA
Vdrop
-
0.76
-
V
DC Characteristics with stabilized LED load
Lowest sufficient supply voltage overhead
Iout > 8mA
VSmin
-
1.2
-
V
Output current change versus
TA
VS = 10 V
∆Iout/Iout
-
-0.3
-
%/K
Output current change versus
VS
VS = 10 V
∆Iout/Iout
-
2
-
%/V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com