Electronic Components Datasheet Search
  English  ▼

X  

BCR402W Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BCR402W
Description  LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR402W Datasheet(HTML) 6 Page - Infineon Technologies AG

  BCR402W Datasheet HTML 1Page - Infineon Technologies AG BCR402W Datasheet HTML 2Page - Infineon Technologies AG BCR402W Datasheet HTML 3Page - Infineon Technologies AG BCR402W Datasheet HTML 4Page - Infineon Technologies AG BCR402W Datasheet HTML 5Page - Infineon Technologies AG BCR402W Datasheet HTML 6Page - Infineon Technologies AG BCR402W Datasheet HTML 7Page - Infineon Technologies AG BCR402W Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2010-01-12
6
BCR402W
Application Circuit:
supply voltages >18V
Standard Application Circuit:
B C R 402W
Vdrop
Rext
3
4
2
1
+V s
Rsense
(optional)
Vsupply
BCR401W
BCR402W
LEDs
Vs
GND
Rext
Iout
LEDs
IOUT
IOUT + IDRIVER
IDRIVER
Application hints
BCR402W serves as an easy to use constant current source for LEDs. In stand alone
application an external resistor can be connected to adjust the current from 20 mA to 60 mA.
Rext can be determined by using the diagram 'Output current versus external resistor',
or by refering to diagram 'Output current versus reference voltage'. Look for your desired
output current on the y axis and read out the corresponding Vdrop. Calculate Rext:
Rext = Vdrop / (Iout -(Vdrop/Rint))
Please take into account that the resulting output currents will be slightly lower due to the
self heating of the component and the negative thermal coefficient.
Please visit our web site for application notes: www.infineon.com/lowcostleddriver
• AN077 gives hints to thermal design
• AN182 provides a guideline for replacing resistor biasing with BCR401W / BCR402W
constant current sources in 12 & 24V striplight applications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com