Electronic Components Datasheet Search
  English  ▼

X  

WMS7110 Datasheet(PDF) 19 Page - Winbond

Part # WMS7110
Description  NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7110 Datasheet(HTML) 19 Page - Winbond

Back Button WMS7110 Datasheet HTML 15Page - Winbond WMS7110 Datasheet HTML 16Page - Winbond WMS7110 Datasheet HTML 17Page - Winbond WMS7110 Datasheet HTML 18Page - Winbond WMS7110 Datasheet HTML 19Page - Winbond WMS7110 Datasheet HTML 20Page - Winbond WMS7110 Datasheet HTML 21Page - Winbond WMS7110 Datasheet HTML 22Page - Winbond WMS7110 Datasheet HTML 23Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
WMS7110/1
Publication Release Date: April 21, 2005
- 19 -
Revision 1.1
1.63
1.47
0.06 4
0.058
Sy m b ol
Min
No m
Ma x
Ma x
No m
Min
D im e ns ion in inc h
D ime n s io n in mm
A
B
c
D
e
A
L
S
A
A
1
2
E
0.0 60
1.52
0 .175
4.45
0.0 10
0.1 25
0.0 16
0.130
0.018
0 .135
0 .022
3.18
0.41
0.2 5
3.3 0
0.4 6
3.43
0.56
0.0 08
0.1 20
0 .375
0.01 0
0.130
0.01 4
0 .140
0.2 0
3.05
0.25
3.30
0.36
3.56
0 .255
0.250
0.2 45
6.4 8
6.35
6.22
9.53
7.6 2
7.37
7.8 7
0.30 0
0.2 90
0.310
2.29
2.54
2.7 9
0.0 90
0.100
0 .110
B 1
1
e
E 1
0.36 0
0.38 0
9.1 4
9.6 5
0
15
0 .045
1.14
0.355
0.3 35
8.5 1
9.0 2
15
0
S eat in g P lan e
e A
2
A
c
E
B ase P lan e
1
A
1
E
D
1
B
B
1
e
L
A
S
8
5
1
4
α
α
FIGURE 11: 8L 300MIL PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com