Electronic Components Datasheet Search
  English  ▼

X  

WMS7110 Datasheet(PDF) 21 Page - Winbond

Part # WMS7110
Description  NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7110 Datasheet(HTML) 21 Page - Winbond

Back Button WMS7110 Datasheet HTML 15Page - Winbond WMS7110 Datasheet HTML 16Page - Winbond WMS7110 Datasheet HTML 17Page - Winbond WMS7110 Datasheet HTML 18Page - Winbond WMS7110 Datasheet HTML 19Page - Winbond WMS7110 Datasheet HTML 20Page - Winbond WMS7110 Datasheet HTML 21Page - Winbond WMS7110 Datasheet HTML 22Page - Winbond WMS7110 Datasheet HTML 23Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
WMS7110/1
Publication Release Date: April 21, 2005
- 21 -
Revision 1.1
13. ORDERING INFORMATION
Winbond’s WinPot Part Number Description:
T
B
RRR P
Winbond WinPot Products w/ Up-Down Interface
Number Of Taps:
1 = 128
WMS71
For Up/Down interface:
0 : No buffer
1 : With buffer
End-to-end Resistance:
010: 10Kohm
050: 50Kohm
100: 100Kohm
Package:
S: SOIC
P: PDIP
M: MSOP
Output
Buffer
End-to-End
Resistance
SOIC
PDIP
MSOP
10K
WMS7110010S
WMS7110010P
WMS7110010M
50K
WMS7110050S
WMS7110050P
WMS7110050M
NO
100K
WMS7110100S
WMS7110100P
WMS7110100M
10K
WMS7111010S
WMS7111010P
WMS7111010M
50K
WMS7111050S
WMS7111050P
WMS7111050M
YES
100K
WMS7111100S
WMS7111100P
WMS7111100M
Notes:
Part number with white background: Available for sampling and mass production.
Part numbers with shaded background: Call factory for availability.
For the latest product information, access Winbond’s worldwide website at
http://www.winbond-usa.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com