Electronic Components Datasheet Search
  English  ▼

X  

TLE4990 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 11Page - Infineon Technologies AG TLE4990 Datasheet HTML 12Page - Infineon Technologies AG TLE4990 Datasheet HTML 13Page - Infineon Technologies AG TLE4990 Datasheet HTML 14Page - Infineon Technologies AG TLE4990 Datasheet HTML 15Page - Infineon Technologies AG TLE4990 Datasheet HTML 16Page - Infineon Technologies AG TLE4990 Datasheet HTML 17Page - Infineon Technologies AG TLE4990 Datasheet HTML 18Page - Infineon Technologies AG TLE4990 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Signal Processing
Data Sheet
15
V 2.4, 2005-11
6.2
Gain Setting
Note: The Gain setting is fixed in the -E6782 version.
The sensitivity is defined by the range (Preamp) and the gain setting. The output of the
preamplifier is multiplied with the gain value.
The sensitivity can be set in 1024 steps.
Gain Register
Table 7Gain
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Register size
-
10
bit
Gain range
-
1
1.43
-
Gain
9
8
7
6
5
4
3
2
1
0
G9 ... G0
Table 8
Gain Register Setting
Gain
G
Remark
Dec.
Bin. (G9 ... G0)
1
0
0000000000
minimum gain
1.43
1023
1111111111
maximum gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com