Electronic Components Datasheet Search
  English  ▼

X  

TLE4990 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4990
Description  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 12Page - Infineon Technologies AG TLE4990 Datasheet HTML 13Page - Infineon Technologies AG TLE4990 Datasheet HTML 14Page - Infineon Technologies AG TLE4990 Datasheet HTML 15Page - Infineon Technologies AG TLE4990 Datasheet HTML 16Page - Infineon Technologies AG TLE4990 Datasheet HTML 17Page - Infineon Technologies AG TLE4990 Datasheet HTML 18Page - Infineon Technologies AG TLE4990 Datasheet HTML 19Page - Infineon Technologies AG TLE4990 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Signal Processing
Data Sheet
16
V 2.4, 2005-11
6.3
Offset Setting
Note: The Offset value is fixed in the -E6782 version
The offset voltage corresponds to an output voltage with zero field at the sensor.
It can be set in 1024 steps in two different voltage ranges.
Offset Register
Table 9
Offset
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Register size
-
10
bit
Offset range
-
3
40
19
60
% of
VDD
Bipolar-Bit = 0 1) 2)
Bipolar-Bit = 1
1)
The -E6782 version is programmed to 50%
VDD.
Offset quantization
steps
∆VOS
0.97
1.22
mV
Bipolar-Bit = 0 2)
Bipolar-Bit = 1
2)
VDD = 5 V
Offset
9
8
7
6
5
4
3
2
1
0
OS9 ... OS0
Table 10
Offset Register Setting
Offset
OS
BIP
Remark
Dec.
Bin. (OS9 ... OS0)
3% of
VDD
0
0000000000
0
Unipolar
40% of
VDD
0
0000000000
1
Bipolar
19% of
VDD
1023
1111111111
0
Unipolar
60% of
VDD
1023
1111111111
1
Bipolar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com