Electronic Components Datasheet Search
  English  ▼

X  

XC161CS-32F Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # XC161CS-32F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC161CS-32F Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button XC161CS-32F Datasheet HTML 79Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 80Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 81Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 82Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 83Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 84Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 85Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 86Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 87Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
XC161CS-32F
Derivatives
Package and Reliability
Data Sheet
83
V1.2, 2006-08
Figure 26
P-TQFP-144-19
(Plastic - Thin Quad Flat Package)
GPP09243
1) Does not include plastic or metal protrusion of 0.25 max. per side
2) Does not include dambar protrusion of 0.08 max. per side
0.5
2)
0.22
0.08
D
A-B
M
C
±0.05
17.5
144x
C
0.08
D
A
20
1)
0.2 A-B
4x
H
D
22
A-B
0.2
144x
D
B
Index Marking
1
144
H
±0.15
0.6
You can find all of our packages, sorts of packing and others in our
Infineon Internet Page “Products”: http://www.infineon.com/products.
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com