Electronic Components Datasheet Search
  English  ▼

X  

XC161CS-32F Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # XC161CS-32F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC161CS-32F Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button XC161CS-32F Datasheet HTML 9Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 10Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 11Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 12Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 13Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 14Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 15Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 16Page - Infineon Technologies AG XC161CS-32F Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
XC161CS-32F
Derivatives
General Device Information
Data Sheet
11
V1.2, 2006-08
P9
P9.0
P9.1
P9.2
P9.3
P9.4
P9.5
21
22
23
24
25
26
IO
I/O
I
I/O
I/O
O
I/O
I/O
I
I/O
I/O
O
I/O
I/O
I/O
I/O
I/O
Port 9 is a 6-bit bidirectional I/O port. Each pin can be
programmed for input (output driver in high-impedance
state) or output (configurable as push/pull or open drain
driver). The input threshold of Port 9 is selectable (standard
or special).
The following Port 9 pins also serve for alternate functions:1)
CC16IO
CAPCOM2: CC16 Capture Inp./Compare Outp.,
CAN2_RxD CAN Node 2 Receive Data Input,
SDA0
IIC Bus Data Line 0
CC17IO
CAPCOM2: CC17 Capture Inp./Compare Outp.,
CAN2_TxD CAN Node 2 Transmit Data Output,
SCL0
IIC Bus Clock Line 0
CC18IO
CAPCOM2: CC18 Capture Inp./Compare Outp.,
CAN1_RxD CAN Node 1 Receive Data Input,
SDA1
IIC Bus Data Line 1
CC19IO
CAPCOM2: CC19 Capture Inp./Compare Outp.,
CAN1_TxD CAN Node 1 Transmit Data Output,
SCL1
IIC Bus Clock Line 1
CC20IO
CAPCOM2: CC20 Capture Inp./Compare Outp.,
SDA2
IIC Bus Data Line 2
CC21IO
CAPCOM2: CC21 Capture Inp./Compare Outp.,
SCL2
IIC Bus Clock Line 2
P5
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.6
P5.7
P5.12
P5.13
P5.14
P5.15
29
30
31
32
33
34
39
40
43
44
45
46
I
I
I
I
I
I
I
I
I
I
I
I
I
Port 5 is a 12-bit input-only port.
The pins of Port 5 also serve as analog input channels for the
A/D converter, or they serve as timer inputs:
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
AN12,
T6IN
GPT2 Timer T6 Count/Gate Input
AN13,
T5IN
GPT2 Timer T5 Count/Gate Input
AN14,
T4EUD GPT1 Timer T4 Ext. Up/Down Ctrl. Inp.
AN15,
T2EUD GPT1 Timer T2 Ext. Up/Down Ctrl. Inp.
Table 2
Pin Definitions and Functions (cont’d)
Sym-
bol
Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com