Electronic Components Datasheet Search
  English  ▼

X  

IR3523 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3523
Description  XPHASE3TM DUAL OUTPUT CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3523 Datasheet(HTML) 2 Page - International Rectifier

  IR3523 Datasheet HTML 1Page - International Rectifier IR3523 Datasheet HTML 2Page - International Rectifier IR3523 Datasheet HTML 3Page - International Rectifier IR3523 Datasheet HTML 4Page - International Rectifier IR3523 Datasheet HTML 5Page - International Rectifier IR3523 Datasheet HTML 6Page - International Rectifier IR3523 Datasheet HTML 7Page - International Rectifier IR3523 Datasheet HTML 8Page - International Rectifier IR3523 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
IR3523
Page 2 of 37
June 20, 2008
APPLICATION CIRCUIT
CSS/DEL1
CVDAC1
CSS/DEL2
RVCCLFB2
ROSC
RTHERMISTOR1
RVCCLDRV
RFB13
ENABLE2
4
ENABLE1
5
IIN2
6
OCSET2
9
VDRP1
26
IIN1
25
EAOUT1
21
VDAC1
23
VDAC2
8
ROSC/OVP
27
LGND
29
VID1_4
1
SS/DEL1
24
OCSET1
22
SS/DEL2
7
EAOUT2
10
VID1_3
2
VID1_2
3
NC
30
PG1
28
IR3523
CONTROL
IC
Q1
VOUT2 SENSE +
ROCSET1
VOUT2 SENSE -
RVCCLFB1
RVDAC1
4.7uF
CVCCL
PG2
To Output 2
Remote
Sense
PHSIN
12V
VID2_0
VID1_3
VOUT1 SENSE -
VOUT1 SENSE +
PHSOUT
PG1
ROCSET2
CLKOUT
VDAC1
VID1_2
ISHARE1
EAOUT1
CCP21
CCP22
RCP2
VID1_4
12V
CFB2
RFB21
RFB22
VID2_2
VID2_1
OVP FLAG
3 Wire Analog
Control Bus to
Output 2 Phase
ICs
VCCL
To Pow er Stage
To Output 2
Remote Sense
3 w ire Digital
Daisy Chain Bus
to Phase ICs
To Phase IC
VCCL & GATE
DRIVE BIAS
ENABLE 1
ISHARE2
ENABLE 2
RVDAC2
VREF2
CVDAC1
RCP1
CCP11
RFB11
CDRP1
RDRP1
CFB1
CCP12
RFB12
EAOUT2
3 Wire Analog
Control Bus to
Output 1 Phase
ICs
Load Line NTC
Thermistor; Locate
close to Output 1
Pow er Stage
Figure 1 – IR3523 Application Circuit
PIN DESCRIPTION
PIN#
PIN SYMBOL
PIN DESCRIPTION
1-3
VID1_4,
VID1_3, VID1_2
VID inputs for Output 1
4
ENABLE2
Enable input. A logic low applied to this pin puts output 2 into fault mode. A
logic high signal on this pin enables output 2. Do not float as the logic state will
be undefined.
5
ENABLE1
Enable input. A logic low applied to this pin puts output 2 into fault mode. A
logic high signal on this pin enables output 2. Do not float as the logic state will
be undefined.
6
IIN2
Output 2 average current input from the output 2 phase IC(s). This pin is also
used to communicate over voltage condition to the output 2 phase ICs.
7
SS/DEL2
Programs output 2 startup and over current protection delay timing. Connect an
external capacitor to LGND to program.
8
VDAC2
Output 2 reference voltage. Connect an external RC network to LGND to
provide compensation for the internal buffer amplifier
9
OCSET2
Programs the output 2 constant converter output current limit and hiccup over-
current threshold through an external resistor tied to VDAC2 and an internal
current source from this pin. Over-current protection can be disabled by
connecting a resistor from this pin to VDAC2 to program the threshold higher
than the possible signal into the IIN pin from the phase ICs but no greater than
5V (do not float this pin as improper operation will occur).
10
EAOUT2
Output 2 error amplifier output
11,20,30
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com