Electronic Components Datasheet Search
  English  ▼

X  

IR3523 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3523
Description  XPHASE3TM DUAL OUTPUT CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3523 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3523 Datasheet HTML 7Page - International Rectifier IR3523 Datasheet HTML 8Page - International Rectifier IR3523 Datasheet HTML 9Page - International Rectifier IR3523 Datasheet HTML 10Page - International Rectifier IR3523 Datasheet HTML 11Page - International Rectifier IR3523 Datasheet HTML 12Page - International Rectifier IR3523 Datasheet HTML 13Page - International Rectifier IR3523 Datasheet HTML 14Page - International Rectifier IR3523 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
IR3523
Page 11 of 37
June 20, 2008
SYSTEM THEORY OF OPERATION
PWM Control Method
The PWM block diagram of the xPHASE3
TM architecture is shown in Figure 5. Feed-forward voltage mode control
with trailing edge modulation is used. A high-gain wide-bandwidth voltage type error amplifier in the Control IC is
used for the voltage control loop. Input voltage is sensed in phase ICs and feed-forward control is realized. The
PWM ramp slope will change with the input voltage automatically compensating for changes in the input voltage.
The input voltage can change due to variations in the silver box output voltage or due to the wire and PCB-trace
voltage drop related to changes in load current.
Figure 5 - PWM Block Diagram
Frequency and Phase Timing Control
The oscillator is located in the Control IC and the system clock frequency is programmable from 500kHz to 9MHZ
by an external resistor. The control IC system clock signal (CLKOUT) is connected to CLKIN of all the phase ICs.
The phase timing of the phase ICs is controlled by the daisy chain loop, where control IC phase clock output
(PHSOUT) is connected to the phase clock input (PHSIN) of the first phase IC, and PHSOUT of the first phase IC is
connected to PHSIN of the second phase IC, etc. and PHSOUT of the last phase IC is connected back to PHSIN of
the control IC. During power up, the control IC sends out clock signals from both CLKOUT and PHSOUT pins and
detects the feedback at PHSIN pin to determine the phase number and monitor any fault in the daisy chain loop.
Figure 6 shows the phase timing for a four phase converter.
GND
VOUT1
VOSNS1+
DACIN
VCC
VDAC1
VOUT1
IIN1
VDRP1
LGND
ISHARE
PHSIN
VOSNS1-
CSIN-
CSIN+
GATEL
EAIN
GATEH
SW
VIN
FB1
EAOUT1
CLKOUT
CLKIN
PHSOUT
PGND
VCCL
VCCH
DACIN
VCC
CLKIN
PHSOUT
CSIN+
GATEL
EAIN
GATEH
ISHARE
PHSIN
SW
PGND
VCCL
VCCH
CSIN-
PHSIN
PHSOUT
VID6
VID6
IROSC
VID6
VID6
VID6
VID6
VID6
VID6
VID6
VID6
GATE DRIVE
VOLTAGE
-
+
+
+
ENABLE
RAMP
DISCHARGE
CLAMP
BODY
BRAKING
COMPARATOR
IFB1
VDRP1 AMP
VDAC
CLOCK GENERATOR
CURRENT
SENSE
AMPLIFIER
R
S
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
PWM
LATCH
ERROR
AMPLIFIER
COUT
IR3523 CONTROL IC
PHASE IC
Output 1 Only
PWM
COMPARATOR
PWM
COMPARATOR
-
+
+
+
RAMP
DISCHARGE
CLAMP
ENABLE
BODY
BRAKING
COMPARATOR
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
PWM
LATCH
CURRENT
SENSE
AMPLIFIER
R
S
PHASE IC
REMOTE SENSE
AMPLIFIER
CCS RCS
+
-
CFB1
RCS
CBST
+
-
CCS
CBST
+
-
+
-
CCP11
+
-
+
-
RFB12
RDRP1
CDRP1
RFB11
3K
+
-
+
-
CLK
D
Q
+
-
+
-
RCP1
+
-
3K
+
-
+
-
CCP12
CLK
D
Q
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com