Electronic Components Datasheet Search
  English  ▼

X  

IR3840MPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3840MPBF
Description  HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3840MPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3840MPBF Datasheet HTML 5Page - International Rectifier IR3840MPBF Datasheet HTML 6Page - International Rectifier IR3840MPBF Datasheet HTML 7Page - International Rectifier IR3840MPBF Datasheet HTML 8Page - International Rectifier IR3840MPBF Datasheet HTML 9Page - International Rectifier IR3840MPBF Datasheet HTML 10Page - International Rectifier IR3840MPBF Datasheet HTML 11Page - International Rectifier IR3840MPBF Datasheet HTML 12Page - International Rectifier IR3840MPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
06/18/09
IR3840MPbF
9
Typical Efficiency and Power Loss Curves
Vin=12V, Vcc=5V, Io=1A-12A, F
s=600kHz, Room Temperature, No Air Flow
The table below shows the inductors used for each of the output voltages
in the efficiency measurement.
72
74
76
78
80
82
84
86
88
90
92
94
96
98
123456
789
10
11
12
Lo ad Cu rre n t (A)
1V out
1.2Vout
1.5V out
1.8Vout
3.3V out
5Vout
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
12
3
456
789
10
11
12
Loa d Curre nt (A)
1Vout
1.2Vout
1.5Vout
1.8Vout
3.3Vout
5Vout
2.5
MPL105-1R0
1
3.3
2.5
MPL105-1R0
1
5
1.7
MPL104-0R6
0.6
1.8
1.56
ETQP4LR56WFC
0.56
1.5
1.1
ETQP4LR36WFC
0.36
1.2
0.48
PA1320-221NL
0.22
1
DCR
(mΩ)
P/N
L (uH)
Vout (V)
2.5
MPL105-1R0
1
3.3
2.5
MPL105-1R0
1
5
1.7
MPL104-0R6
0.6
1.8
1.56
ETQP4LR56WFC
0.56
1.5
1.1
ETQP4LR36WFC
0.36
1.2
0.48
PA1320-221NL
0.22
1
DCR
(mΩ)
P/N
L (uH)
Vout (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com