Electronic Components Datasheet Search
  English  ▼

X  

IR3840MPBF Datasheet(PDF) 14 Page - International Rectifier

Part # IR3840MPBF
Description  HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3840MPBF Datasheet(HTML) 14 Page - International Rectifier

Back Button IR3840MPBF Datasheet HTML 10Page - International Rectifier IR3840MPBF Datasheet HTML 11Page - International Rectifier IR3840MPBF Datasheet HTML 12Page - International Rectifier IR3840MPBF Datasheet HTML 13Page - International Rectifier IR3840MPBF Datasheet HTML 14Page - International Rectifier IR3840MPBF Datasheet HTML 15Page - International Rectifier IR3840MPBF Datasheet HTML 16Page - International Rectifier IR3840MPBF Datasheet HTML 17Page - International Rectifier IR3840MPBF Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
06/18/09
IR3840MPbF
14
Thermal Shutdown
Temperature sensing is provided inside IR3840.
The trip threshold is typically set to 140oC. When
trip threshold is exceeded, thermal shutdown
turns off both MOSFETs and discharges the soft
start capacitor.
Automatic restart is initiated when the sensed
temperature drops within the operating range.
There is a 20oC hysteresis in the thermal
shutdown threshold.
Fig. 8b. Application Circuit for Simultaneous
Sequencing
Simultaneous Powerup
Vo1
Vo2
Output Voltage Sequencing
The
IR3840
can
accommodate
user
programmable sequencing options using Seq,
Enable and Power Good pins.
Boot
Vcc
Fb
Comp
Gnd
PGnd
SW
OCSet
SS/ SD
4.5V <Vcc<5.5V
Vo(master)
PGood
PGood
Enable
Rt
1.5V <Vin<16V
Vin
Seq
RA
RB
Boot
Vcc
Fb
Comp
Gnd
PGnd
SW
OCSet
SS/ SD
4.5V <Vcc<5.5V
Vo(slave)
PGood
PGood
Enable
Rt
1.5V <Vin<16V
Vin
Seq
Vo(master)
RC
RD
RE
RF
Fig. 8a. Simultaneous Power-up of the slave
with respect to the master.
Power Good Output
The IC continually monitors the output voltage via
Feedback (Fb pin). The feedback voltage is
compared to a fixed voltage. As soon as the Fb
voltage reaches 0.88*V
ref, the Power Good signal
flags. This pin is open drain and it needs to be
externally pulled high. High state indicates that
output is in regulation. Fig 9. shows the timing
diagram for the PGood function.
Through these pins, voltage sequencing such as
simultaneous
and
sequential
can
be
implemented. Figure 8. shows simultaneous
sequencing
configurations.
In
simultaneous
power-up, the voltage at the Seq pin of the slave
reaches 0.7V before the Fb pin of the master. For
R
E/RF =RC/RD, therefore, the output voltage of
the slave follows that of the master until the
voltage at the Seq pin of the slave reaches 0.7 V.
After the voltage at the Seq pin of the slave
exceeds 0.85V, the internal 0.7V reference of
the slave dictates its output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com