Electronic Components Datasheet Search
  English  ▼

X  

IRDC3629 Datasheet(PDF) 2 Page - International Rectifier

Part # IRDC3629
Description  USER GUIDE FOR IR3629 EVALUATION BOARD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3629 Datasheet(HTML) 2 Page - International Rectifier

  IRDC3629 Datasheet HTML 1Page - International Rectifier IRDC3629 Datasheet HTML 2Page - International Rectifier IRDC3629 Datasheet HTML 3Page - International Rectifier IRDC3629 Datasheet HTML 4Page - International Rectifier IRDC3629 Datasheet HTML 5Page - International Rectifier IRDC3629 Datasheet HTML 6Page - International Rectifier IRDC3629 Datasheet HTML 7Page - International Rectifier IRDC3629 Datasheet HTML 8Page - International Rectifier IRDC3629 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
IRDC3629
A well regulated +12V input supply should be connected to VIN+ and VIN-.
A maximum of 20A load can be
connected to VOUT+ and VOUT-. The connection diagram is shown in Fig. 1
IR3629 demo board can also be powered by two separate power supplies, one is the input voltage (Vin)
between VIN+ and VIN-, the other is bias voltage (Vcc) between Vc-ext and PGND. In this case, a well
regulated 5V~12V power supply should be connected to Vc-ext and PGND and R14 should be removed.
Inputs and outputs of the board are listed in Table I.
Table I. Connections
Optional Vcc input
Vc-ext
Ground for optional Vcc input
PGND
Bias Voltage Ground
GND
V
out (+1.8V)
VOUT+
Ground of V
out
VOUT-
Ground of V
in
VIN-
V
in (+12V)
VIN+
Signal Name
Connection
CONNECTIONS and OPERATING INSTRUCTIONS
LAYOUT
The PCB is a 6-layer board. All of layers are 2 Oz. copper. Power supply decoupling capacitors, the charge-
pump capacitor and feedback components are located close to the IR3629. The feedback resistors are
connected to the output voltage at the point of regulation and are located close to the IC.
The input and output energy storage capacitors and the power inductor are located on bottom side of the
board, to improve efficiency, the circuit board is designed to minimize the length of the on-board power
ground current path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com