Electronic Components Datasheet Search
  English  ▼

X  

IRDC3629 Datasheet(PDF) 13 Page - International Rectifier

Part # IRDC3629
Description  USER GUIDE FOR IR3629 EVALUATION BOARD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3629 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRDC3629 Datasheet HTML 8Page - International Rectifier IRDC3629 Datasheet HTML 9Page - International Rectifier IRDC3629 Datasheet HTML 10Page - International Rectifier IRDC3629 Datasheet HTML 11Page - International Rectifier IRDC3629 Datasheet HTML 12Page - International Rectifier IRDC3629 Datasheet HTML 13Page - International Rectifier IRDC3629 Datasheet HTML 14Page - International Rectifier IRDC3629 Datasheet HTML 15Page - International Rectifier IRDC3629 Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
IRDC3629
PCB Metal and Components Placement
The lead land width should be equal to the nominal part lead width. The minimum lead to lead spacing should be
≥ 0.2mm to minimize shorting.
The lead land length should be equal to maximum part lead length + 0.3 mm outboard extension + 0.05mm
inboard extension. The outboard extension ensures a large and inspectable toe fillet, and the inboard extension will
accommodate any part misalignment and ensure a fillet.
The center pad land length and width should be equal to maximum part pad length and width. However, the
minimum metal to metal spacing should be ≥ 0.17mm for 2 oz. Copper (≥ 0.1mm for 1 oz. Copper and ≥ 0.23mm for
3 oz. Copper).
Two 0.30mm diameter via should be placed in the center of the pad land and connected to ground to minimize the
noise effect on the IC.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com