Electronic Components Datasheet Search
  English  ▼

X  

TLE4729G Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4729G
Description  2-Phase Stepper-Motor Driver Bipolar-IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4729G Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4729G Datasheet HTML 10Page - Infineon Technologies AG TLE4729G Datasheet HTML 11Page - Infineon Technologies AG TLE4729G Datasheet HTML 12Page - Infineon Technologies AG TLE4729G Datasheet HTML 13Page - Infineon Technologies AG TLE4729G Datasheet HTML 14Page - Infineon Technologies AG TLE4729G Datasheet HTML 15Page - Infineon Technologies AG TLE4729G Datasheet HTML 16Page - Infineon Technologies AG TLE4729G Datasheet HTML 17Page - Infineon Technologies AG TLE4729G Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
TLE 4729 G
Data Sheet
14
V1.2, 2008-03-18
Output Saturation Voltages
Vsat
vs. Output Current
IQ
V
0
0
0.2
0.5
1.0
0.6
0.4
0.8
A
Ι
Q
satuD
V
V satl
satuC
sat
V
= 14 V
V
1.5
V
T j
S
= 25 C
2.0
AED02209
Typical Power Dissipation
Ptot vs.
Output Current
IQ (non stepping)
both phases active
0
0
0.2
1
2
0.6
0.4
0.8
A
Ι
Q
S
V = 14 V
tot
P
= 10 mH
L
OSC
phase x
phase x
C
3
TC
W
R
= 25 C
= 2.2 nF
= 2
4
AED02211
Ω
Forward Current
IF of Free-Wheeling Diodes
vs. Forward Voltages
VF
AED02210
0
0
VF
0.5
1.0
1.5
V
0.2
0.4
0.6
0.8
1.0
A
Ι
F
VFl
VFu
j
T = 25 ˚C
Permissible Power Dissipation
Ptot vs.
Case Temp.
TC (measured at pin 5)
10
0
-25
0
25
6
2
4
8
125
75
C 175
T C
120 C
jmax
T
150 C
=
tot
P
12
W
16
AED02212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com