Electronic Components Datasheet Search
  English  ▼

X  

TLE4729G Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE4729G
Description  2-Phase Stepper-Motor Driver Bipolar-IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4729G Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE4729G Datasheet HTML 20Page - Infineon Technologies AG TLE4729G Datasheet HTML 21Page - Infineon Technologies AG TLE4729G Datasheet HTML 22Page - Infineon Technologies AG TLE4729G Datasheet HTML 23Page - Infineon Technologies AG TLE4729G Datasheet HTML 24Page - Infineon Technologies AG TLE4729G Datasheet HTML 25Page - Infineon Technologies AG TLE4729G Datasheet HTML 26Page - Infineon Technologies AG TLE4729G Datasheet HTML 27Page - Infineon Technologies AG TLE4729G Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
TLE 4729 G
Data Sheet
24
V1.2, 2008-03-18
Application Hints
The TLE4729G is intended to drive both phases of a stepper motor. Special care has
been taken to provide high efficiency, robustness and to minimize external components.
Power Supply
The TLE4729G will work with supply voltages ranging from 5 V to 16 V at pin
VS. Surges
exceeding 16 V at
VS wont harm the circuit up to 45 V, but whole function is not
guaranteed. As soon as the voltage drops below approximately 16 V the TLE4729G
works promptly again.
As the circuit operates with chopper regulation of the current, interference generation
problems can arise in some applications. Therefore the power supply should be
decoupled by a 0.1
µF ceramic capacitor located near the package. Unstabilized
supplies may even afford higher capacities.
Inhibit Mode
In the case of low at all four current program inputs IXX the device will switch into inhibit
condition; the current consumption is reduced to very low values.
When starting operation again, i.e. putting at least one IXX to high potential, the Error 1
output signals an open load error if the corresponding phase input is high. The error is
reset by first recirculation in chop mode.
Current Sensing
The current in the windings of the stepper motor is sensed by the voltage drop across
Rsense. Depending on the selected current internal comparators will turn off the sink
transistor as soon as the voltage drop reaches certain thresholds (typical 0 V, 0.07 V,
0.45 V and 0.7 V). These thresholds are not affected by variations of
VS. Consequently
instabilized supplies will not affect the performance of the regulation. For precise current
level it must be considered, that internal bounding wire (typ. 60 m
Ω) is a part of R
sense.
Due to chopper control fast current rises (up to 10 A/
µs) will occur at the sensing
resistors. To prevent malfunction of the current sensing mechanism
Rsense should be
pure ohmic. The resistors should be wired to GND as directly as possible. Capacitive
loads such as long cables (with high wire to wire capacity) to the motor should be
avoided for the same reason.
Synchronizing Several Choppers
In some applications synchrone chopping of several stepper motor drivers may be
desirable to reduce acoustic interference. This can be done by forcing the oscillator of
the TLE4729G by a pulse generator overdriving the oscillator loading currents
(approximately
± 120 µA). In these applications low level should be between 0 V and
0.8 V while high level should between 3 V and 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com