Electronic Components Datasheet Search
  English  ▼

X  

TLE7240SL Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7240SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7240SL Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7240SL Datasheet HTML 1Page - Infineon Technologies AG TLE7240SL Datasheet HTML 2Page - Infineon Technologies AG TLE7240SL Datasheet HTML 3Page - Infineon Technologies AG TLE7240SL Datasheet HTML 4Page - Infineon Technologies AG TLE7240SL Datasheet HTML 5Page - Infineon Technologies AG TLE7240SL Datasheet HTML 6Page - Infineon Technologies AG TLE7240SL Datasheet HTML 7Page - Infineon Technologies AG TLE7240SL Datasheet HTML 8Page - Infineon Technologies AG TLE7240SL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
PG-SSOP-24-7
Type
Package
Marking
SPIDER - TLE 7240SL
PG-SSOP-24-7
TLE7240SL
Data Sheet
3
Rev. 1.1, 2009-04-15
SPI Driver for Enhanced Relay Control
SPIDER-TLE7240SL
SPIDER - TLE 7240SL
1Overview
Features
•
4 input pins providing flexible PWM configuration
•
Limp home functionality (direct driving) provided by a dedicated pin
•
16 bit SPI for diagnostics and control
•
Daisy chain capability also compatible with 8bit SPI devices
•
Very wide range of digital supply voltage
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The SPIDER - TLE 7240SL is a eight channel low-side switch in PG-SSOP-24-7 package providing embedded
protective functions.
It is especially designed as relay driver in automotive applications.
A serial peripheral interface (SPI) is utilized for control and diagnosis of the device and the load.
For direct control and PWM there are four input pins available.
The device is monolithically integrated. The power transistors are built by N-channel MOSFETs.
Diagnostic Features
•
latched diagnostic information via SPI register
•
Overtemperature monitoring
•
Overload detection in ON state
•
Open load detection in OFF state
Table 1
Basic Electrical data
Digital supply voltage
V
DD
3.0 V ... 5.5 V
Analog supply voltage
V
DDA
4.5 V ... 5.5 V
Max. ON State resistance at
T
j = 150°C for each channel
R
DS(ON,max) 3.0 Ω
Nominal load current
I
L (nom)
210 mA
Overload switch off threshold
I
D (OVL,max)
950 mA
Output leakage current per channel at 25 °C
I
D (STB,max)
1 µA
Drain to Source clamping voltage
V
DS(AZ)
41 V
Maximum SPI clock frequency
f
SCLK,max
5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com