Electronic Components Datasheet Search
  English  ▼

X  

TLE7240SL Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE7240SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7240SL Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE7240SL Datasheet HTML 1Page - Infineon Technologies AG TLE7240SL Datasheet HTML 2Page - Infineon Technologies AG TLE7240SL Datasheet HTML 3Page - Infineon Technologies AG TLE7240SL Datasheet HTML 4Page - Infineon Technologies AG TLE7240SL Datasheet HTML 5Page - Infineon Technologies AG TLE7240SL Datasheet HTML 6Page - Infineon Technologies AG TLE7240SL Datasheet HTML 7Page - Infineon Technologies AG TLE7240SL Datasheet HTML 8Page - Infineon Technologies AG TLE7240SL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7240SL
Overview
Data Sheet
4
Rev. 1.1, 2009-04-15
Protection Functions
•
Short circuit
•
Over load
•
Over temperature
•
Electrostatic discharge (ESD)
Application
•
All types of resistive, inductive and capacitive loads
•
Especially designed for driving relays in automotive applications
Detailed Description
The SPIDER - TLE 7240SL is a eight channel low-side relay switch designed for typical automotive relays
providing embedded protective functions. The PG-SSOP-24-7 package is used to get a footprint optimized
solution. The 16 bit serial peripheral interface (SPI) is utilized for control and diagnosis of the device and the loads.
The SPI interface provides daisy chain capability.
The SPIDER - TLE 7240SL is equipped with four input pins that can be individually routed to the output control of
their dedicated channels thus offering flexibility in design and PCB layout. The input multiplexer is controlled via
SPI.
There is a dedicated limp home pin LHI which provides a straightforward usage of the input pins as dedicated
driver for four outputs.
The device provides full diagnosis of the load, which is open load as well as short circuit detection. The SPI
diagnosis bits indicate latched fault conditions that may have occurred.
Each output stage is protected against short circuit. In case of over load, the affected channel switches off. There
are temperature sensors available for each channel to protect the device in case of over temperature.
The device is supplied by two power supply lines. The analog supply supports 5 V, the digital supply offers a very
wide flexibility in supply voltage ranging from 3.0 V up to 5.5 V.
The power transistors are built by N-channel vertical power MOSFETs. The inputs are ground referenced CMOS
compatible. The device is monolithically integrated in Smart Power Technology.
In terms of PCB layout improvement, all output pins are available at one side of the device. The other side bundle
the signals to the micro-controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com