Electronic Components Datasheet Search
  English  ▼

X  

IRS2158D Datasheet(PDF) 8 Page - International Rectifier

Part # IRS2158D
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2158D Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS2158D Datasheet HTML 4Page - International Rectifier IRS2158D Datasheet HTML 5Page - International Rectifier IRS2158D Datasheet HTML 6Page - International Rectifier IRS2158D Datasheet HTML 7Page - International Rectifier IRS2158D Datasheet HTML 8Page - International Rectifier IRS2158D Datasheet HTML 9Page - International Rectifier IRS2158D Datasheet HTML 10Page - International Rectifier IRS2158D Datasheet HTML 11Page - International Rectifier IRS2158D Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.irf.com
- 8 -
7. Bill of Material and Inductor Specification
Item #
Qty
Manufacturer
Part Number
Description
Reference
1
1
ST Microelectronics
L6562N
PFC Control IC
IC1
2
1
International Rectifier
IRS2158D
Ballast Control IC
IC2
3
1
ST Microelectronics
LM393N
Dual Comparator IC
IC3
4
1
Panasonic
CNC1S101
Opto Isolator
IC4
5
1
ON Semiconductor
2N6027RLRAG
Programmable
Unijunction
Transistor
Q1
6
3
International Rectifier
IRFBC30
N-MOSFET
MPFC, MHS, MLS
7
1
Fairchild Semiconductor
DF10S
Bridge Rectifier
BR1
8
6
Diodes Inc
LL4148-13
Diode
DCP1, DOUT,
DSD1, D2, D4, D5
9
1
Diodes Inc
ZMM5236B-7
Zener Diode 7V5
DEOL1
10
1
Diodes Inc
ZMM5231B-7
Zener Diode 5V1
DEOL2
11
2
Diodes Inc
ZMM5248B-7
Zener Diode 18V
D3, DCP2
1
Diodes Inc
ZMM5242B-7
Zener Diode 12V
DSD2
12
3
Diodes Inc
US1J-13-F
Diode
DS1, DS2, D1
13
1
Panasonic-ECG
ELF-15N007A
Common mode
Choke
L1
14
1
Vogt Electronics
IL 070 118 11
PFC Inductor
LPFC
15
1
Vogt Electronics
IL 070 118 21
Resonant Inductor
LRES
16
1
Epcos
B32922A2224M
Capacitor 220 nF,
305VAC
C1
17
1
BC Components
2222 338 14104
Capacitor 100 nF,
440V
C2
18
1
Panasonic-ECG
ECU-V1H103KBM
Capacitor 10n, 50V,
1206
C3
19
2
Panasonic-ECG
ECJ-3YX1C106K
Capacitor 10u, 16V,
1206
C4, C6
20
1
Panasonic-ECG
ECJ-3VB1C684K
Capacitor 0.68 µF,
16V, 1206
C5
21
5
Panasonic-ECG
ECJ-3VB1C104K
Capacitor 100n, 16V,
1206
C11, CBOOT,
CC2, CSD2,
CVCC2
22
1
Panasonic-ECG
ECU-V1H333KBM
Capacitor 33nF, 50V,
1206
C7
23
3
Panasonic-ECG
ECJ-3YB1C105K
Capacitor 1 µF, 16V,
1206
C8, CDIV, CVDC
24
2
Panasonic-ECG
ECA-2EHG330
Capacitor, 33 µF,
250V, 105C
CBUS1, CBUS2
25
1
Panasonic-ECG
ECJ-3YB1C225K
Capacitor 2.2 µF,
16V, 1206
CVCC1
26
1
Panasonic-ECG
EEU-FC1H470
Capacitor 47 µF,
50V, 105C
C9
27
1
Panasonic-ECG
ECU-V1H471KBM
Capacitor, 470 pF,
50V, 1206
CCS
28
1
Panasonic-ECG
ECQ-E6104KF
Capacitor, 100 nF,
630V
CDC
29
3
Panasonic-ECG
ECJ-3VB1C474K
Capacitor, 0.47 µF,
16V, 1206
CEOL, CSD1,
CCPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com